Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5983 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5983
Description  1.5A step-down switching regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5983 Datasheet(HTML) 1 Page - STMicroelectronics

  L5983 Datasheet HTML 1Page - STMicroelectronics L5983 Datasheet HTML 2Page - STMicroelectronics L5983 Datasheet HTML 3Page - STMicroelectronics L5983 Datasheet HTML 4Page - STMicroelectronics L5983 Datasheet HTML 5Page - STMicroelectronics L5983 Datasheet HTML 6Page - STMicroelectronics L5983 Datasheet HTML 7Page - STMicroelectronics L5983 Datasheet HTML 8Page - STMicroelectronics L5983 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
October 2007
Rev 2
1/37
37
L5983
1.5A step-down switching regulator
Features
1.5A DC output current
2.9V to 18V input voltage
Output voltage adjustable from 0.6V
250kHz switching frequency, programmable
up to 1MHz
Internal soft-start
Inhibit
Low dropout operation: 100% duty cycle
Voltage feed-forward
Zero load current operation
Over current and thermal protection
VQFN3x3-8L package
Applications
Consumer:
STB, DVD, DVD recorder, car audio, LCD TV
and monitors
Industrial:
Chargers, car battery, PLD, PLA, FPGA
Networking: XDSL, modems, DC-DC modules
Computer:
Optical storage, hard disk drive, printers,
audio/graphic cards
Figure 1.
Application circuit
Description
The L5983 is a step down switching regulator with
2.0A current limited embedded power MOSFET,
so it is able to deliver an output current in excess
of 1.5A DC to the load.
The input voltage can range from 2.9V to 18V,
while the output voltage can be set starting from
0.6V to VIN. Having a minimum input voltage of
2.9V, the device is suitable for also for the 3.3V
bus.
Requiring a minimum set of external components,
the device includes an internal 250kHz switching
frequency oscillator that can be externally
adjusted up to 1MHz.
The QFN package with exposed pad allows
reducing the RthJA down to approximately
60°C/W.
VFQFPN8 3x3
www.st.com


Similar Part No. - L5983

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
966Kb / 37P
   1.5 A step-down switching regulator
L5983TR STMICROELECTRONICS-L5983TR Datasheet
966Kb / 37P
   1.5 A step-down switching regulator
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
   1.5 A step-down switching regulator
More results

Similar Description - L5983

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
   1.5A STEP DOWN SWITCHING REGULATOR
May 2000
E-L4971D013TR STMICROELECTRONICS-E-L4971D013TR Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
May 2005 Rev. 11
logo
Linear Technology
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com