Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3508-0100S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # D3508-0100S
Description  designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D3508-0100S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  D3508-0100S Datasheet HTML 1Page - List of Unclassifed Manufacturers D3508-0100S Datasheet HTML 2Page - List of Unclassifed Manufacturers D3508-0100S Datasheet HTML 3Page - List of Unclassifed Manufacturers D3508-0100S Datasheet HTML 4Page - List of Unclassifed Manufacturers D3508-0100S Datasheet HTML 5Page - List of Unclassifed Manufacturers D3508-0100S Datasheet HTML 6Page - List of Unclassifed Manufacturers D3508-0100S Datasheet HTML 7Page - List of Unclassifed Manufacturers D3508-0100S Datasheet HTML 8Page - List of Unclassifed Manufacturers D3508-0100S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
JNPS-0846
1. FUNCTION
This connector is designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch
flat cable. This connector has 2 rows of plural U-elements at topside and 2 rows of contact tails at
bottom side.
Then, this connector has the function of electrical connection between cable and PC board or cable and
compatible IC socket (Plating Suffix : SC or S).
2. COMPATIBLE OBJECTS
2-1 WIRE ACCOMODATION
28 AWG Stranded *corresponding with UL Style 2651
2-2 COMPATIBLE BOARD
Thickness: 1.6mm
± 0.2mm
Through hole diameter:
φ1.0mm ± 0.1mm
* Refer to the drawing 4U-0010-0940-6.
* In the case that (X)3406-0000 XX (14 pos.) or (X)3416-0000 XX (16 pos.) is mounted on the PC
board by soldering, more than 0.5mm thickness spacers (ex. plastic washer with high temperature
resistance) should be used for spacing between the connector body and PC board.
2-3 COMPATIBLE IC SOCKET
IS socket should have the compatibility with the following specification of the terminals.
PRODUCT No.
LEAD LENGTH
LEAD SECTION
(X)3406-0000 XX (14Pos.) and
(X)3416-0000 XX (16Pos.)
4.4
± 0.3mm
* These connectors don't have standoff bumps.
(X)3460-0000 XX (24Pos.)
3.8
± 0.3mm
* Lower side from the bottom of the standoff
bumps (Height: 0.6mm).
(X)3508-0000 XX (40Pos.)
3.9
± 0.3mm
* Lower side from the bottom of the standoff
bumps (Height: 0.5mm).
0.46
± 0.05mm ×
0.36
± 0.05mm
* IC socket should be used for (X)3XXX-0000 SC and (X)3XXX-0000 S.
IC socket can not be used for (X)3XXX-0000 PR.
3. RELATED SPECIFICATION DRAWINGS
See the drawings described in JNPD-0846.
4. RELATED TEST STANDARDS
MIL-STD-202
JEIDA-38-1984
JIS C 0050
JNTM-0039, JNTM-0040
*JNTM: Test Method Standard of Sumitomo 3M for Electronic and Electrical Component Parts.


Similar Part No. - D3508-0100S

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D3501N EUPEC-D3501N Datasheet
221Kb / 8P
   Rectifier Diode
logo
Infineon Technologies A...
D3501N INFINEON-D3501N Datasheet
250Kb / 9P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 8.1
logo
List of Unclassifed Man...
D350CHX ETC1-D350CHX Datasheet
379Kb / 4P
   DISTRIBUTED GATE THYRISTORS
More results

Similar Description - D3508-0100S

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1010215 PHOENIX-1010215 Datasheet
572Kb / 10P
   Assembled IDC female connector, Displacement connection
1010247 PHOENIX-1010247 Datasheet
582Kb / 10P
   Assembled IDC female connector, Displacement connection
1010255 PHOENIX-1010255 Datasheet
588Kb / 10P
   Assembled IDC female connector, Displacement connection
1010239 PHOENIX-1010239 Datasheet
605Kb / 10P
   Assembled IDC female connector, Displacement connection
1010220 PHOENIX-1010220 Datasheet
575Kb / 10P
   Assembled IDC female connector, Displacement connection
1010259 PHOENIX-1010259 Datasheet
588Kb / 10P
   Assembled IDC female connector, Displacement connection
1010238 PHOENIX-1010238 Datasheet
605Kb / 10P
   Assembled IDC female connector, Displacement connection
1010237 PHOENIX-1010237 Datasheet
605Kb / 10P
   Assembled IDC female connector, Displacement connection
1010244 PHOENIX-1010244 Datasheet
582Kb / 10P
   Assembled IDC female connector, Displacement connection
1010242 PHOENIX-1010242 Datasheet
599Kb / 10P
   Assembled IDC female connector, Displacement connection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com