Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF38F1030W0YBQ0 Datasheet(PDF) 10 Page - Numonyx B.V

Part # RF38F1030W0YBQ0
Description  Wireless Flash Memory (W18/W30 SCSP)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

RF38F1030W0YBQ0 Datasheet(HTML) 10 Page - Numonyx B.V

Back Button RF38F1030W0YBQ0 Datasheet HTML 6Page - Numonyx B.V RF38F1030W0YBQ0 Datasheet HTML 7Page - Numonyx B.V RF38F1030W0YBQ0 Datasheet HTML 8Page - Numonyx B.V RF38F1030W0YBQ0 Datasheet HTML 9Page - Numonyx B.V RF38F1030W0YBQ0 Datasheet HTML 10Page - Numonyx B.V RF38F1030W0YBQ0 Datasheet HTML 11Page - Numonyx B.V RF38F1030W0YBQ0 Datasheet HTML 12Page - Numonyx B.V RF38F1030W0YBQ0 Datasheet HTML 13Page - Numonyx B.V RF38F1030W0YBQ0 Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
32WQ and 64WQ Family with Asynchronous RAM
Datasheet
November 2007
10
Order Number: 251407-13
32WQ and 64WQ Family with Asynchronous RAM
3.0
Package Information
The following two packages are offered with the 32WQ and 64WQ Family.
Figure 2: Mechanical Specifications for 1- or 2-Die SCSP Device (8x10x1.2 mm)
Millimeters
Inches
Dimensions
Symbol
Min
Nom
Max
Notes
Min
Nom
Max
Package Height
A
1.200
0.0472
Ball Height
A1
0.200
0.0079
Package Body Thickness
A2
0.860
0.0339
Ball (Lead) Width
b
0.325
0.375
0.425
0.0128
0.0148
0.0167
Package Body Length
D
9.900
10.000
10.100
0.3898
0.3937
0.3976
Package Body Width
E
7.900
8.000
8.100
0.3110
0.3150
0.3189
Pitch
e
0.800
0.0315
Ball (Lead) Count
N
88
88
Seating Plane Coplanarity
Y
0.100
0.0039
Corner to Ball A1 Distance Along E
S1
1.100
1.200
1.300
0.0433
0.0472
0.0512
Corner to Ball A1 Distance Along D
S2
0.500
0.600
0.700
0.0197
0.0236
0.0276
Top View - Ball
Down
Bottom View - Ball Up
A
A2
D
E
Y
A1
Drawing not to scale.
S2
S1
A
C
B
E
D
G
F
J
H
K
L
M
e
1
2
3
4
5
6
7
8
b
A
C
B
E
D
G
F
J
H
K
L
M
A1 Index
Mark
123
456
78


Similar Part No. - RF38F1030W0YBQ0

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800PCBA-416 RFMD-RF3800PCBA-416 Datasheet
59Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800PCBA-416 RFMD-RF3800PCBA-416 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
More results

Similar Description - RF38F1030W0YBQ0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
290701-18 NUMONYX-290701-18 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
logo
Intel Corporation
28F640W30 INTEL-28F640W30 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
28F128W18 INTEL-28F128W18 Datasheet
1Mb / 100P
   Intel짰 Wireless Flash Memory
logo
Rohm
BP3599 ROHM-BP3599 Datasheet
3Mb / 1P
   Wireless LAN Module with Flash Memory
logo
Intel Corporation
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com