Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S16400B-6T Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS42S16400B-6T
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16400B-6T Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS42S16400B-6T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16400B-6T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16400B-6T Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S16400B-6T Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42S16400B-6T Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42S16400B-6T Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS42S16400B-6T Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS42S16400B-6T Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS42S16400B-6T Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
11
Rev. F
05/21/07
IS42S16400B
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VDD MAX
Maximum Supply Voltage
–1.0 to +4.6
V
VDDQ MAX
Maximum Supply Voltage for Output Buffer
–1.0 to +4.6
V
VIN
Input Voltage
–1.0 to +4.6
V
VOUT
Output Voltage
–1.0 to +4.6
V
PD MAX
Allowable Power Dissipation
1
W
ICS
Output Shorted Current
50
mA
TOPR
Operating Temperature
Com.
0 to +70
°C
Ind.
–40 to +85
TSTG
Storage Temperature
–55 to +150
°C
DC RECOMMENDED OPERATING CONDITIONS(2) (At TA = 0 to +70°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD, VDDQ
Supply Voltage
3.0
3.3
3.6
V
VIH
Input High Voltage
2.0
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
+0.8
V
CAPACITANCE CHARACTERISTICS(1,2) (At TA = 0 to +25°C, VDD = VDDQ = 3.3 ± 0.3V, f = 1 MHz)
Symbol
Parameter
Typ.
Max.
Unit
CIN1
Input Capacitance: A0-A11, BA0, BA1
4
pF
CIN2
Input Capacitance: (CLK, CKE,
CS, RAS, CAS, WE, LDQM, UDQM)
4
pF
CI/O
Data Input/Output Capacitance: I/O0-I/O15
5
pF
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
2. All voltages are referenced to GND.


Similar Part No. - IS42S16400B-6T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS42S16400B-6T ETC-IS42S16400B-6T Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400B-6TL ETC-IS42S16400B-6TL Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16400B-6T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400F ISSI-IS42S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400C1 ISSI-IS42S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com