Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4PH40UPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRG4PH40UPBF
Description  Ultra Fast Speed IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PH40UPBF Datasheet(HTML) 7 Page - International Rectifier

  IRG4PH40UPBF Datasheet HTML 1Page - International Rectifier IRG4PH40UPBF Datasheet HTML 2Page - International Rectifier IRG4PH40UPBF Datasheet HTML 3Page - International Rectifier IRG4PH40UPBF Datasheet HTML 4Page - International Rectifier IRG4PH40UPBF Datasheet HTML 5Page - International Rectifier IRG4PH40UPBF Datasheet HTML 6Page - International Rectifier IRG4PH40UPBF Datasheet HTML 7Page - International Rectifier IRG4PH40UPBF Datasheet HTML 8Page - International Rectifier IRG4PH40UPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IRG4PH40UPbF
www.irf.com
7
960V
4 X IC@25°C
D.U.T.
50V
L
V *
C
Q
R
* Driver sam e type as D .U .T.; Vc = 80% of V ce(max)
* Note: D ue to the 50V pow er supply, pulse width and inductor
w ill increase to obtain rated Id.
1000V
Fig. 13a - Clamped Inductive
Load Test Circuit
Fig. 13b - Pulsed Collector
Current Test Circuit
480µF
960V
0 - 960V
RL =
t=5µs
d(on)
t
t f
t r
90%
td(off)
10%
90%
10%
5%
VC
IC
E on
E off
ts
o n
o ff
E = (E
+E
)
Q
R
S
Fig. 14b - Switching Loss
Waveforms
50V
Driver*
1000V
D.U.T.
IC
C
V
Q
R
S
L
Fig. 14a - Switching Loss
Test Circuit
* Driver same type
as D.U.T., VC = 960V


Similar Part No. - IRG4PH40UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH40UPBF IRF-IRG4PH40UPBF Datasheet
620Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PH40UPBF IRF-IRG4PH40UPBF_15 Datasheet
620Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4PH40UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGMIC50U IRF-IRGMIC50U Datasheet
320Kb / 2P
   Ultra Fast Speed IGBT
IRG4PH50UPBF IRF-IRG4PH50UPBF Datasheet
628Kb / 9P
   Ultra Fast Speed IGBT
logo
Inchange Semiconductor ...
IRG4PH50U ISC-IRG4PH50U Datasheet
358Kb / 3P
   Ultra Fast Speed IGBT
logo
International Rectifier
IRG4BC20UPBF IRF-IRG4BC20UPBF_15 Datasheet
357Kb / 8P
   ULTRA FAST SPEED IGBT
GA200TS60U IRF-GA200TS60U Datasheet
303Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK Ultra-Fast Speed IGBT
logo
Fairchild Semiconductor
SGH80N60UF FAIRCHILD-SGH80N60UF Datasheet
557Kb / 7P
   Ultra-Fast IGBT
SGP13N60UFD FAIRCHILD-SGP13N60UFD Datasheet
595Kb / 8P
   Ultra-Fast IGBT
SGU6N60UF FAIRCHILD-SGU6N60UF Datasheet
506Kb / 7P
   Ultra-Fast IGBT
SGH23N60UFD FAIRCHILD-SGH23N60UFD Datasheet
627Kb / 7P
   Ultra-Fast IGBT
SGH40N60UFDTU FAIRCHILD-SGH40N60UFDTU Datasheet
652Kb / 8P
   Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com