JNPS-0846
6
1. FUNCTION
This connector is designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch
flat cable. This connector has 2 rows of plural U-elements at topside and 2 rows of contact tails at
bottom side.
Then, this connector has the function of electrical connection between cable and PC board or cable and
compatible IC socket (Plating Suffix : SC or S).
2. COMPATIBLE OBJECTS
2-1 WIRE ACCOMODATION
28 AWG Stranded *corresponding with UL Style 2651
2-2 COMPATIBLE BOARD
Thickness: 1.6mm
± 0.2mm
Through hole diameter:
φ1.0mm ± 0.1mm
* Refer to the drawing 4U-0010-0940-6.
* In the case that (X)3406-0000 XX (14 pos.) or (X)3416-0000 XX (16 pos.) is mounted on the PC
board by soldering, more than 0.5mm thickness spacers (ex. plastic washer with high temperature
resistance) should be used for spacing between the connector body and PC board.
2-3 COMPATIBLE IC SOCKET
IS socket should have the compatibility with the following specification of the terminals.
PRODUCT No.
LEAD LENGTH
LEAD SECTION
(X)3406-0000 XX (14Pos.) and
(X)3416-0000 XX (16Pos.)
4.4
± 0.3mm
* These connectors don't have standoff bumps.
(X)3460-0000 XX (24Pos.)
3.8
± 0.3mm
* Lower side from the bottom of the standoff
bumps (Height: 0.6mm).
(X)3508-0000 XX (40Pos.)
3.9
± 0.3mm
* Lower side from the bottom of the standoff
bumps (Height: 0.5mm).
0.46
± 0.05mm ×
0.36
± 0.05mm
* IC socket should be used for (X)3XXX-0000 SC and (X)3XXX-0000 S.
IC socket can not be used for (X)3XXX-0000 PR.
3. RELATED SPECIFICATION DRAWINGS
See the drawings described in JNPD-0846.
4. RELATED TEST STANDARDS
MIL-STD-202
JEIDA-38-1984
JIS C 0050
JNTM-0039, JNTM-0040
*JNTM: Test Method Standard of Sumitomo 3M for Electronic and Electrical Component Parts.