Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1781D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1781D
Description  70-V Fault-Protected RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1781D Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD1781D Datasheet HTML 1Page - Texas Instruments SN65HVD1781D Datasheet HTML 2Page - Texas Instruments SN65HVD1781D Datasheet HTML 3Page - Texas Instruments SN65HVD1781D Datasheet HTML 4Page - Texas Instruments SN65HVD1781D Datasheet HTML 5Page - Texas Instruments SN65HVD1781D Datasheet HTML 6Page - Texas Instruments SN65HVD1781D Datasheet HTML 7Page - Texas Instruments SN65HVD1781D Datasheet HTML 8Page - Texas Instruments SN65HVD1781D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
SN65HVD1781
SLLS877A – DECEMBER 2007 – REVISED JANUARY 2008
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DE = VCC, RE =
Driver and receiver
GND,
4
6
enabled
no load
DE = VCC, RE =
Driver enabled,
VCC,
3
5
mA
receiver disabled
no load
DE = GND, RE =
Driver disabled,
GND,
2
4
receiver enabled
ICC
Supply current (quiescent)
no load
DE = GND, D =
open
0.15
1
RE = VCC, no load,
Driver and receiver
TA < 85°C
disabled, standby
µA
DE = GND, D =
mode
open
12
RE = VCC, no load,
TA < 125°C
Supply current (dynamic)
See Typical Characteristics section
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65HVD1781


Similar Part No. - SN65HVD1781D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1781D TI-SN65HVD1781D Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1781D TI-SN65HVD1781D Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1781DG4 TI-SN65HVD1781DG4 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1781DG4 TI-SN65HVD1781DG4 Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1781DR TI-SN65HVD1781DR Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
More results

Similar Description - SN65HVD1781D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1794 TI-SN65HVD1794 Datasheet
532Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
SN65HVD1794P TI-SN65HVD1794P Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
logo
Maxim Integrated Produc...
MAX13448E MAXIM-MAX13448E Datasheet
197Kb / 14P
   80V Fault-Protected Full-Duplex RS-485 Transceiver
Rev 0; 5/08
logo
Texas Instruments
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
SN65HVD1780_0809 TI-SN65HVD1780_0809 Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
logo
Analog Devices
ADM3095E AD-ADM3095E Datasheet
557Kb / 19P
   Level 4 EMC Protected RS-485 Transceiver with Full ±42 V Fault Protection
Rev. C
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com