Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CB3Q3245 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74CB3Q3245
Description  8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q3245 Datasheet(HTML) 1 Page - Texas Instruments

  SN74CB3Q3245_05 Datasheet HTML 1Page - Texas Instruments SN74CB3Q3245_05 Datasheet HTML 2Page - Texas Instruments SN74CB3Q3245_05 Datasheet HTML 3Page - Texas Instruments SN74CB3Q3245_05 Datasheet HTML 4Page - Texas Instruments SN74CB3Q3245_05 Datasheet HTML 5Page - Texas Instruments SN74CB3Q3245_05 Datasheet HTML 6Page - Texas Instruments SN74CB3Q3245_05 Datasheet HTML 7Page - Texas Instruments SN74CB3Q3245_05 Datasheet HTML 8Page - Texas Instruments SN74CB3Q3245_05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
NC - No internal connection
RGY PACKAGE
(TOP VIEW)
1
20
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
OE
B1
B2
B3
B4
B5
B6
B7
A1
A2
A3
A4
A5
A6
A7
A8
NC - No internal connection
DESCRIPTION/ORDERING INFORMATION
SN74CB3Q3245
8-BIT FET BUS SWITCH
2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SCDS124B – JULY 2003 – REVISED MARCH 2005
Data and Control Inputs Provide Undershoot
Clamp Diodes
High-Bandwidth Data Path
(up to 500 MHz (1))
Low Power Consumption (I
CC = 1 mA Typical)
Equivalent to IDTQS3VH384 Device
V
CC Operating Range From 2.3 V to 3.6 V
5-V Tolerant I/Os With Device Powered Up or
Data I/Os Support 0- to 5-V Signaling Levels
Powered Down
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
Low and Flat ON-State Resistance (r
on)
Control Inputs Can Be Driven by TTL or
Characteristics Over Operating Range
5-V/3.3-V CMOS Outputs
(r
on = 4 Ω Typ)
I
off Supports Partial-Power-Down Mode
Rail-to-Rail Switching on Data I/O Ports
Operation
– 0- to 5-V Switching With 3.3-V V
CC
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
– 0- to 3.3-V Switching With 2.5-V V
CC
ESD Performance Tested Per JESD 22
Bidirectional Data Flow With Near-Zero
Propagation Delay
– 2000-V Human-Body Model
(A114-B, Class II)
Low Input/Output Capacitance Minimizes
Loading and Signal Distortion
– 1000-V Charged-Device Model (C101)
(C
io(OFF) = 3.5 pF Typ)
Supports Both Digital and Analog
Fast Switching Frequency (f
OE = 20 MHz Max)
Applications: PCI Interface, Differential Signal
Interface, Memory Interleaving, Bus Isolation,
(1)
For additional information regarding the performance
characteristics of the CB3Q family, refer to the TI application
Low-Distortion Signal Gating
report, CBT-C, CB3T, and CB3Q Signal-Switch Families,
literature number SCDA008.
The SN74CB3Q3245 is a high-bandwidth FET bus switch utilizing a charge pump to elevate the gate voltage of
the pass transistor, providing a low and flat ON-state resistance (ron). The low and flat ON-state resistance allows
for minimal propagation delay and supports rail-to-rail switching on the data input/output (I/O) ports. The device
also features low data I/O capacitance to minimize capacitive loading and signal distortion on the data bus.
Specifically designed to support high-bandwidth applications, the SN74CB3Q3245 provides an optimized
interface solution ideally suited for broadband communications, networking, and data-intensive computing
systems.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74CB3Q3245_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3245DBQR TI-SN74CB3Q3245DBQR Datasheet
374Kb / 14P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5-V/3.3V LOW VOLTAGE HIGH BAND WIDTH BUS SWITCH
SN74CB3Q3245DBQR TI-SN74CB3Q3245DBQR Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245DGVR TI-SN74CB3Q3245DGVR Datasheet
374Kb / 14P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5-V/3.3V LOW VOLTAGE HIGH BAND WIDTH BUS SWITCH
SN74CB3Q3245DGVR TI-SN74CB3Q3245DGVR Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245GQNR TI-SN74CB3Q3245GQNR Datasheet
374Kb / 14P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5-V/3.3V LOW VOLTAGE HIGH BAND WIDTH BUS SWITCH
More results

Similar Description - SN74CB3Q3245_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3244 TI1-SN74CB3Q3244_15 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI1-SN74CB3Q3345_15 Datasheet
1,012Kb / 19P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI-SN74CB3Q3345_05 Datasheet
687Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_10 Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_1 Datasheet
429Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244_09 Datasheet
358Kb / 15P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244 Datasheet
181Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_2 Datasheet
428Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3306A-EP TI1-SN74CB3Q3306A-EP Datasheet
986Kb / 15P
[Old version datasheet]   Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
SN74CB3Q3306A TI-SN74CB3Q3306A Datasheet
176Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com