Electronic Components Datasheet Search |
|
SN74LS14DBR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
SN74LS14DBR Datasheet(HTML) 4 Page - Texas Instruments |
4 / 25 page SN5414, SN54LS14, SN7414, SN74LS14 HEX SCHMITT-TRIGGER INVERTERS SDLS049B – DECEMBER 1983 – REVISED FEBRUARY 2002 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature (unless otherwise noted)† Supply voltage, VCC (see Note 1) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage: ’14 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ’LS14 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2):D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DB package 96 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 80 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperaturerange, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. Voltage values are with respect to network ground terminal. 2. The package termal impedance is calculated in accordance with JESD 51-7 recommended operating conditions SN5414 SN7414 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.75 5 5.25 V IOH High-level output current –0.8 –0.8 mA IOL Low-level output current 16 16 mA TA Operating free-air temperature –55 125 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS‡ SN5414 SN7414 UNIT TEST CONDITIONS MIN TYP§ MAX VT+ VCC = 5 V 1.5 1.7 2 V VT– VCC = 5 V 0.6 0.9 1.1 V Hysteresis (VT+ – VT–) VCC = 5 V 0.4 0.8 V VIK VCC = MIN, II = –12 mA –1.5 V VOH VCC = MIN, VI = 0.6 V, IOH = –0.8 mA 2.4 3.4 V VOL VCC = MIN, VI = 2 V, IOL = 16 mA 0.2 0.4 V IT+ VCC = 5 V, VI = VT+ –0.43 mA IT– VCC = 5 V, VI = VT– –0.56 mA II VCC = MAX, VI = 5.5 V 1 mA IIH VCC = MAX, VIH = 2.4 V 40 µA IIL VCC = MAX, VIL = 0.4 V –0.8 –1.2 mA IOS¶ VCC = MAX –18 –55 mA ICCH VCC = MAX 22 36 mA ICCL VCC = MAX 39 60 mA ‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. § All typical values are at VCC = 5 V, TA = 25°C. ¶ Not more than one output should be shorted at a time. |
Similar Part No. - SN74LS14DBR |
|
Similar Description - SN74LS14DBR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |