Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1490ECNTR Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP1490ECNTR
Description  Full Duplex RS-485 Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1490ECNTR Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP1490ECNTR Datasheet HTML 2Page - Sipex Corporation SP1490ECNTR Datasheet HTML 3Page - Sipex Corporation SP1490ECNTR Datasheet HTML 4Page - Sipex Corporation SP1490ECNTR Datasheet HTML 5Page - Sipex Corporation SP1490ECNTR Datasheet HTML 6Page - Sipex Corporation SP1490ECNTR Datasheet HTML 7Page - Sipex Corporation SP1490ECNTR Datasheet HTML 8Page - Sipex Corporation SP1490ECNTR Datasheet HTML 9Page - Sipex Corporation SP1490ECNTR Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Date: 5/11/05
SP1490E/1491E Full Duplex RS-485 Transceivers
© Copyright 2004 Sipex Corporation
N
1 23
INDEX
AREA
eA
eB
E
SEE
LEAD
DETAIL
c
C
b
-
-
.210
.015
-
Dimensions in (mm)
14 PIN PDIP
JEDEC MS-001
(AA) Variation
.115
.130
.195
.014
.018
.022
.045
.060
.070
.240
.250
.280
A
A1
A2
b
c
D1
E
E1
e
eA
eB
.115
.130
.150
L
MIN
NOM MAX
b2
b3
.030
.039
.045
D
.008
.010
.014
.735
.750
.775
.005
.300
.310
.325
.100 BSC
.300 BSC
.430
D1
-
--
-
-
14 pin PDIP
E
E1
D
A
L
A2
A1
b
b1
e
b3
PACKAGE: 14 PIN PDIP


Similar Part No. - SP1490ECNTR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP1490ECN SIPEX-SP1490ECN Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP1490ECN-L EXAR-SP1490ECN-L Datasheet
575Kb / 8P
   Full Duplex RS-485 Transceivers12345678VCC
SP1490ECN-L/TR EXAR-SP1490ECN-L/TR Datasheet
575Kb / 8P
   Full Duplex RS-485 Transceivers12345678VCC
logo
Sipex Corporation
SP1490ECN/TR SIPEX-SP1490ECN/TR Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
More results

Similar Description - SP1490ECNTR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com