Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD1LNK60Z-1 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # STD1LNK60Z-1
Description  N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

STD1LNK60Z-1 Datasheet(HTML) 2 Page - Microsemi Corporation

  STD1LNK60Z-1_06 Datasheet HTML 1Page - Microsemi Corporation STD1LNK60Z-1_06 Datasheet HTML 2Page - Microsemi Corporation STD1LNK60Z-1_06 Datasheet HTML 3Page - Microsemi Corporation STD1LNK60Z-1_06 Datasheet HTML 4Page - Microsemi Corporation STD1LNK60Z-1_06 Datasheet HTML 5Page - Microsemi Corporation STD1LNK60Z-1_06 Datasheet HTML 6Page - Microsemi Corporation STD1LNK60Z-1_06 Datasheet HTML 7Page - Microsemi Corporation STD1LNK60Z-1_06 Datasheet HTML 8Page - Microsemi Corporation STD1LNK60Z-1_06 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Electrical ratings
STD1LNK60Z-1 - STQ1NK60ZR - STN1NK60Z
2/14
Rev 7
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IPAK
TO-92
SOT-223
VDS
Drain-Source Voltage (VGS = 0)
600
V
VDGR
Drain-Gate Voltage (RGS = 20KΩ)600
V
VGS
Gate-Source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
0.8
0.3
0.3
A
ID
Drain Current (continuous) at TC=100°C
0.5
0.189
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain Current (pulsed)
3.2
1.2
A
PTOT
Total Dissipation at TC = 25°C
25
3
3.3
W
Derating Factor
0.24
0.25
0.26
W/°C
VESD(G-D)
Gate source ESD(HBM-C=100pF, R=1.5K
Ω)
800
V
dv/dt(2)
2.
ISD ≤0.3A, di/dt ≤200A/µs, VDD =80%V(BR)DSS
Peak Diode Recovery voltage slope
4.5
V/ns
TJ
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
IPAK
TO-92
SOT-223
Rthj-case
Thermal resistance junction-case Max
5
--
--
°C/W
Rthj-a
Thermal resistance junction-ambient Max
100
120
37.87(1)
1.
When mounted on 1 inch² FR-4 board, 2 Oz Cu
°C/W
Rthj-lead
Thermal resistance junction-lead Max
--
40
--
°C/W
Tl
Maximum lead temperature for soldering
purpose
275
260
°C
Table 3.
Avalanche data
Symbol
Parameter
Value
Unit
IAR
Avalanche Curent, Repetitive or Noy-Repetitive
(pulse width limited by Tj Max)
0.8
A
EAS
Single pulse avalanche Energy
(starting Tj=25°C, Id=Iar, Vdd=50V)
60
mJ


Similar Part No. - STD1LNK60Z-1_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1LNK60Z-1 STMICROELECTRONICS-STD1LNK60Z-1 Datasheet
657Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
September 2005 Rev. 6
STD1LNK60Z-1 STMICROELECTRONICS-STD1LNK60Z-1 Datasheet
466Kb / 16P
   N-channel 600V - 13廓 - 0.8A - TO-92 - TO-251 - SOT-223 Zener-Protected SuperMESH??Power MOSFET
logo
VBsemi Electronics Co.,...
STD1LNK60Z-1 VBSEMI-STD1LNK60Z-1 Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
More results

Similar Description - STD1LNK60Z-1_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1LNK60Z-1 STMICROELECTRONICS-STD1LNK60Z-1 Datasheet
657Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
September 2005 Rev. 6
STQ1NK60ZR-AP STMICROELECTRONICS-STQ1NK60ZR-AP_07 Datasheet
466Kb / 16P
   N-channel 600V - 13廓 - 0.8A - TO-92 - TO-251 - SOT-223 Zener-Protected SuperMESH??Power MOSFET
STQ1NK80ZR-AP STMICROELECTRONICS-STQ1NK80ZR-AP Datasheet
630Kb / 15P
   N-CHANNEL 800V - 13 廓 - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STN1HNK60 STMICROELECTRONICS-STN1HNK60 Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
STD1NK60 STMICROELECTRONICS-STD1NK60_08 Datasheet
429Kb / 15P
   N-CHANNEL 600V - 8廓 - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
STD2HNK60Z-1 STMICROELECTRONICS-STD2HNK60Z-1 Datasheet
405Kb / 12P
   N-CHANNEL 600V - 4.4廓 - 2.0A TO-92/TO-220FP/IPAK Zener-Protected SuperMESH MOSFET
STD3NK50Z STMICROELECTRONICS-STD3NK50Z Datasheet
481Kb / 14P
   N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
STD2HNK60Z STMICROELECTRONICS-STD2HNK60Z Datasheet
497Kb / 16P
   N-channel 600V - 4.4廓 - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STP3NK60Z STMICROELECTRONICS-STP3NK60Z Datasheet
755Kb / 15P
   N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com