Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD4NK50ZD-1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STD4NK50ZD-1
Description  N-channel 500V - 2.4廓 - 3A - TO-220 - TO-220FP- DPAK - IPAK Fast diode SuperMESH??Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4NK50ZD-1 Datasheet(HTML) 5 Page - STMicroelectronics

  STD4NK50ZD-1 Datasheet HTML 1Page - STMicroelectronics STD4NK50ZD-1 Datasheet HTML 2Page - STMicroelectronics STD4NK50ZD-1 Datasheet HTML 3Page - STMicroelectronics STD4NK50ZD-1 Datasheet HTML 4Page - STMicroelectronics STD4NK50ZD-1 Datasheet HTML 5Page - STMicroelectronics STD4NK50ZD-1 Datasheet HTML 6Page - STMicroelectronics STD4NK50ZD-1 Datasheet HTML 7Page - STMicroelectronics STD4NK50ZD-1 Datasheet HTML 8Page - STMicroelectronics STD4NK50ZD-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STD4NK50ZD - STD4NK50ZD-1 - STF4NK50ZD - STP4NK50ZD
Electrical characteristics
5/17
Table 7.
Source drain diode
Symbol
Parameter
Test condictions
Min
Typ.
Max
Unit
ISD
Source-drain current
3
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
12
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD = 3A, VGS=0
1.6
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 3A,
di/dt = 100A/µs,
VDD = 34V, Tj = 25°C
73
140
3.82
ns
nC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse Recovery Charge
Reverse recovery current
ISD = 3A,
di/dt = 100A/µs,
VDD = 34V, Tj = 150°C
118
260
4.4
ns
nC
A
Table 8.
Gate-source zener diode
Symbol
Parameter
Test condictions
Min.
Typ.
Max
Unit
BVGSO
(1)
1.
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Gate-source braekdown
voltage
IGS = ±1mA (open drain)
30
V


Similar Part No. - STD4NK50ZD-1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD4NK50ZD-1 VBSEMI-STD4NK50ZD-1 Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
More results

Similar Description - STD4NK50ZD-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NK50ZT4 STMICROELECTRONICS-STD4NK50ZT4 Datasheet
671Kb / 13P
   N-CHANNEL 500V - 2.4W - 3A TO-220/TO-220FP/DPAK/IPAK
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
   N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
   N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
   N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH??Power MOSFET
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
   N-channel 800V - 3.8廓 - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
   N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP3NK90Z STMICROELECTRONICS-STP3NK90Z Datasheet
613Kb / 13P
   N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STD5NK40ZT4 STMICROELECTRONICS-STD5NK40ZT4 Datasheet
608Kb / 13P
   N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
   N-channel 500V - 0.47廓 - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD7NM50N STMICROELECTRONICS-STD7NM50N Datasheet
421Kb / 17P
   N-channel 500V - 0.70廓 - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com