Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP0805A1960EW Datasheet(PDF) 1 Page - AVX Corporation

Part # CP0805A1960EW
Description  Thin-Film Directional Couplers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CP0805A1960EW Datasheet(HTML) 1 Page - AVX Corporation

  CP0805A1960EW Datasheet HTML 1Page - AVX Corporation CP0805A1960EW Datasheet HTML 2Page - AVX Corporation CP0805A1960EW Datasheet HTML 3Page - AVX Corporation CP0805A1960EW Datasheet HTML 4Page - AVX Corporation CP0805A1960EW Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
50
3
The ITF SMD Coupler is based on thin-film multilayer technology.
The technology provides a miniature part with excellent high frequency
performance and rugged construction for reliable automatic assembly.
The ITF Coupler is offered in a variety of frequency bands compatible with
various types of high frequency wireless systems.
W
B
L
T
A
0805
L
2.03±0.1 (0.080±0.004)
W
1.55±0.1 (0.061±0.004)
T
0.98±0.1 (0.039±0.004)
A
0.56±0.25 (0.022±0.010)
B
0.35±0.15 (0.014±0.006)
CP
Style
Directional Coupler
0805
Size
0805
A
Layout Type
(see layout types)
0902
Frequency
MHz
A
Sub Type
(see layout
sub-types)
S
Termination
Code
W = Nickel/Solder
(Sn/Pb)
**S = Nickel / Lead
Free Solder
(Sn100)
**RoHS Compliant
TR
Packaging Code
TR = Tape and Reel
HOW TO ORDER
Thin-Film Directional Couplers
CP0805 SMD Type
GENERAL DESCRIPTION
ITF (Integrated Thin-Film) TECHNOLOGY
FEATURES
• Small Size: 0805
• Frequency Range: 800MHz - 3GHz
• Characteristic Impedance: 50
Ω
• Operating / Storage Temp.:
-40°C to +85°C
• Power Rating: 3W Continuous
• Low Profile
• Rugged Construction
• Taped and Reeled
APPLICATIONS
• Mobile Communications
• Satellite TV Receivers
• GPS
• Vehicle Location Systems
• Wireless LAN’s
QUALITY INSPECTION
Finished parts are 100% tested for electrical parameters and
visual characteristics. Each production lot is evaluated on a
sample basis for:
• Static Humidity: 85°C, 85% RH, 160 hours
• Endurance: 125°C, I
R, 4 hours
TERMINATION
Nickel/Solder coating (Sn, Pb) compatible with automatic
soldering technologies: reflow, wave soldering, vapor phase
and manual.
2.33
(0.092)
0.60
(0.024)
0.65
(0.026)
2.25
(0.089)
Recommended Pad Layout Dimensions mm (inches)
NOTE: Components must be mounted on the board with the white
(Alumina) side DOWN.
DIMENSIONS:
millimeters (inches)
(Top View)
RoHS COMPLIANT
Pb: Free
Please select correct
termination style


Similar Part No. - CP0805A1960EW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
Cp0805A1960EW AVX-Cp0805A1960EW Datasheet
169Kb / 6P
   Thin-Film Directional Couplers
More results

Similar Description - CP0805A1960EW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805SMD AVX-CP0805SMD Datasheet
169Kb / 6P
   Thin-Film Directional Couplers
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
CP0603SMD AVX-CP0603SMD Datasheet
126Kb / 4P
   Thin-Film Directional Couplers
DB0805 AVX-DB0805 Datasheet
104Kb / 13P
   Thin-Film Directional Couplers
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
DB0603N AVX-DB0603N Datasheet
133Kb / 11P
   Thin-Film Directional Couplers
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com