Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGW39NC60VD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGW39NC60VD
Description  40 A - 600 V - very fast IGBT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW39NC60VD Datasheet(HTML) 5 Page - STMicroelectronics

  STGW39NC60VD Datasheet HTML 1Page - STMicroelectronics STGW39NC60VD Datasheet HTML 2Page - STMicroelectronics STGW39NC60VD Datasheet HTML 3Page - STMicroelectronics STGW39NC60VD Datasheet HTML 4Page - STMicroelectronics STGW39NC60VD Datasheet HTML 5Page - STMicroelectronics STGW39NC60VD Datasheet HTML 6Page - STMicroelectronics STGW39NC60VD Datasheet HTML 7Page - STMicroelectronics STGW39NC60VD Datasheet HTML 8Page - STMicroelectronics STGW39NC60VD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STGW39NC60VD
Electrical characteristics
5/15
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)onf
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390 V, IC = 30 A,
RG=10 Ω, VGE = 15 V
(see Figure 18)
33
13
2500
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390 V, IC = 30 A,
RG=10Ω, VGE=15 V
TC=125 °C
(see Figure 18)
32
14
2280
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 390 V, IC = 30 A,
RG=10 Ω, VGE=15 V
(see Figure 18)
33
178
65
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 390 V, IC = 30 A,
RG=10 Ω, VGE=15 V
TC=125 °C
(see Figure 18)
68
238
128
ns
ns
ns
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
Eon
(1)
Eoff
(2)
Ets
1.
Eon is the turn-on losses when a typical diode is used in the test circuit in figure 2 Eon include diode
recovery energy. If the IGBT is offered in a package with a co-pak diode, the co-pack diode is used as
external diode. IGBTs & Diode are at the same temperature (25°C and 125°C)
2.
Turn-off losses include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 30A
RG=10Ω, VGE= 15V,
(see Figure 20)
333
537
870
µJ
µJ
µJ
Eon
(1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 30A
RG=10Ω, VGE= 15V,
TC= 125°C
(see Figure 20)
618
1125
1743
µJ
µJ
µJ


Similar Part No. - STGW39NC60VD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD Datasheet
340Kb / 10P
   N-CHANNEL 40A - 600V - TO-247 Very Fast PowerMESH??IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD Datasheet
285Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD Datasheet
323Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH??IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_07 Datasheet
323Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH??IGBT
More results

Similar Description - STGW39NC60VD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
   30 A - 600 V - very fast IGBT
April 2012 Rev 1
STGB20NC60V STMICROELECTRONICS-STGB20NC60V_V01 Datasheet
469Kb / 20P
   30 A - 600 V - very fast IGBT
Rev 6 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com