Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1697V Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # UC1697V
Description  128 x 128RGB C-STN LCD Controller-Driver w/ 16-bit per RGB On-Chip SRAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UC1697V Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button UC1697V Datasheet HTML 63Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 64Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 65Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 66Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 67Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 68Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 69Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 70Page - List of Unclassifed Manufacturers UC1697V Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
UC1697v
128x128RGB CSTN Controller-Driver
Revision A_0.6
63
FIGURE 18:
Serial Bus Timing Characteristics (for S9)
(2.5V
VDD< 3.3V, Ta= –30 to +85
o
C)
Symbol
Signal
Description
Condition
Min.
Max.
Units
tCYS9
System cycle time
40
nS
tLPWS9
Low pulse width
20
nS
tHPWS9
SCK
High pulse width
15
nS
tDSS9
tDHS9
SDA
Data setup time
Data hold time
15
0
nS
tCSSAS9
tCSHS9
CS1/CS0
Chip select setup time
5
5
nS
(1.65V
VDD< 2.5V, Ta= –30 to +85
o
C)
Symbol
Signal
Description
Condition
Min.
Max.
Units
tCYS9
System cycle time
75
nS
tLPWS9
Low pulse width
40
nS
tHPWS9
SCK
High pulse width
30
nS
tDSS9
tDHS9
SDA
Data setup time
Data hold time
30
0
nS
tCSSAS9
tCSHS9
CS1/CS0
Chip select setup time
10
10
nS
CS0
CS1
tCSS9
tCYS9
tCSHS9
tWLS9
tWHS9
SCK
tDSS9
tDHS9
SDA


Similar Part No. - UC1697V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC1602I ETC2-UC1602I Datasheet
705Kb / 38P
   65x102 Matrix LCD Controller-Driver
UC1606 ETC1-UC1606 Datasheet
877Kb / 46P
   65COM x 132SEG Matrix LCD Controller-Driver
logo
ECM Electronics Limited...
UC1606 ECM-UC1606 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-100 ECM-UC1606T-100 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-101 ECM-UC1606T-101 Datasheet
102Kb / 5P
   Power Inductors
More results

Similar Description - UC1697V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6824 NJRC-NJU6824 Datasheet
982Kb / 110P
   128-common x (1282) RGB-Segment, in 4096-Color STN LCD DRIVER
logo
STMicroelectronics
STE2001 STMICROELECTRONICS-STE2001 Datasheet
342Kb / 36P
   65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
logo
Samsung semiconductor
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002 Datasheet
494Kb / 51P
   81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
logo
Samsung semiconductor
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B33A2 SAMSUNG-S6B33A2 Datasheet
383Kb / 67P
   128 RGB Segment & 129 Common Driver For 4,096 Color STN LCD
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002_06 Datasheet
508Kb / 61P
   81 x 128 single-chip LCD controller/driver
logo
New Japan Radio
NJU6820 NJRC-NJU6820 Datasheet
941Kb / 101P
   40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com