Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3508E+TR Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS3508E+TR
Description  I2C, 8-Channel Gamma Buffer with EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3508E+TR Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS3508E+TR Datasheet HTML 1Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 2Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 3Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 4Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 5Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 6Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 7Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 8Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
I2C, 8-Channel Gamma Buffer with EEPROM
_______________________________________________________________________________________
5
ANALOG SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
75
55
-25
-5
15
35
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
-45
95
GAMMA OUTPUT vs. SETTING
GAMMA SETTING (DEC)
224
192
160
128
96
64
32
3
6
9
12
15
0
0
256
GM1–GM4
GM5–GM8
VDD = 15.0V
VHH = 14.8V
VHM = 8.0V
VLM = 7.0V
VLL = 0.2V
GAMMA OFFSET vs. TEMPERATURE
TEMPERATURE (
°C)
75
55
15
35
-5
-25
-8
-6
-4
-2
0
2
4
6
8
10
-10
-45
95
GM1 = VHH = 14.5V
GM1 = VHH = 12.0V
GM8 = VLM = 8.5V
GM8 = VLL = 0.5V
GM1 = VHM = 6.5V
GM1 DNL
GAMMA SETTING (DEC)
224
192
32
64
96
128
160
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
0
256
VDD = 15.0V
VHH = 14.8V
VHM = 8.0V
GM1 INL
GAMMA SETTING (DEC)
224
192
32
64
96
128
160
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
0
256
VDD = 15.0V
VHH = 14.8V
VHM = 8.0V
GM8 DNL
GAMMA SETTING (DEC)
224
192
32
64
96
128
160
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
0
256
VDD = 15.0V
VLM = 7.0V
VLL = 0.2V
GM8 INL
GAMMA SETTING (DEC)
224
192
32
64
96
128
160
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
0
256
VDD = 15.0V
VLM = 7.0V
VHM = 0.2V
Typical Operating Characteristics (continued)
(VDD = 15.0V, VCC = 5.0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - DS3508E+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3501 MAXIM-DS3501 Datasheet
230Kb / 14P
   High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
Rev 0; 1/07
DS3501U MAXIM-DS3501U Datasheet
230Kb / 14P
   High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
Rev 0; 1/07
DS3501UR MAXIM-DS3501UR Datasheet
230Kb / 14P
   High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
Rev 0; 1/07
DS3501UT MAXIM-DS3501UT Datasheet
230Kb / 14P
   High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
Rev 0; 1/07
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
More results

Similar Description - DS3508E+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3514 MAXIM-DS3514 Datasheet
338Kb / 21P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 1; 10/08
logo
Intersil Corporation
ISL76534 INTERSIL-ISL76534 Datasheet
741Kb / 24P
   Ultra-Low Power 14-Channel Programmable Gamma Buffer with Integrated EEPROM
July 27, 2016
logo
Renesas Technology Corp
ISL76534 RENESAS-ISL76534 Datasheet
1Mb / 24P
   Ultra-Low Power 14-Channel Programmable Gamma Buffer with Integrated EEPROM
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709 AD-ADD8709_15 Datasheet
520Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. A
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com