Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143EUB Datasheet(PDF) 1 Page - Rohm

Part # DTC143EUB
Description  100mA / 50V Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC143EUB Datasheet(HTML) 1 Page - Rohm

  DTC143EUB Datasheet HTML 1Page - Rohm DTC143EUB Datasheet HTML 2Page - Rohm DTC143EUB Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
DTC143EUB
1/2
100mA / 50V Digital transistors
(with built-in resistors)
DTC143EUB
Applications
Dimensions (Unit : mm)
Inverter, Interface, Driver
Abbreviated symbol : 23
UMT3F
(1) IN
(2) GND
(3) OUT
Each lead has same dimensions
2.0
0.32
0.65 0.65
1.3
(1)
(2)
(3)
0.9
0.13
Features
1) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see equivalent circuit).
2) The bias resistors consist of thin-film resistors
with complete isolation to allow negative biasing
of the input. They also have the advantage of
almost completely eliminating parasitic effects.
3) Only the on/off conditions need to be set for
operation, making the device design easy.
Structure
Equivalent circuit
NPN silicon epitaxial planar transistor type
R1
R2
IN
R1=R2=4.7k
GND
OUT
IN
GND
OUT
(Resistor built-in)
Packaging specifications
DTC143EUB
Part No.
TL
UMT3F
3000
Package
Packaging type
Taping
Code
Basic ordering unit (pieces)
Absolute maximum ratings (Ta=25
°C)
Limits
Parameter
Symbol
200
50
−10 to +30
−55 to +150
100
150
V
V
mA
mW
°C
°C
∗1
∗2
∗1 Characteristics of built-in transistor
∗2 Each terminal mounted on a recommended land
Unit
Supply voltage
Input voltage
Output current
100
mA
VIN
Io
PD
Tj
Tstg
Ic(max)
Collector current
Power dissipation
Junction temperature
Range of storage temperature
VCC


Similar Part No. - DTC143EUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143EUB ROHM-DTC143EUB Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143EUB ROHM-DTC143EUB Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143EUB ROHM-DTC143EUB Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors
DTC143EUB ROHM-DTC143EUB Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143EUB ROHM-DTC143EUB Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTC143EUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com