Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV601RTJRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV601RTJRG4
Description  DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV601RTJRG4 Datasheet(HTML) 4 Page - Texas Instruments

  DRV601RTJRG4 Datasheet HTML 1Page - Texas Instruments DRV601RTJRG4 Datasheet HTML 2Page - Texas Instruments DRV601RTJRG4 Datasheet HTML 3Page - Texas Instruments DRV601RTJRG4 Datasheet HTML 4Page - Texas Instruments DRV601RTJRG4 Datasheet HTML 5Page - Texas Instruments DRV601RTJRG4 Datasheet HTML 6Page - Texas Instruments DRV601RTJRG4 Datasheet HTML 7Page - Texas Instruments DRV601RTJRG4 Datasheet HTML 8Page - Texas Instruments DRV601RTJRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
OPERATING CHARACTERISTICS
DRV601
SLOS553 – JANUARY 2008
VDD = 3.3 V , TA = 25°C, RL = 600 Ω, C(PUMP) = C(PVSS) = 1 µF , CIN = 1 µF, Rin = 10 kΩ, Rfb = 20 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 1%, VDD = 3.3 V, f = 1 kHz
2.1
THD = 1%, VDD = 4.5 V, f = 1 kHz
2.7
VO
Output Voltage(Outputs In Phase)
VRMS
THD = 1%, VDD = 4.5 V, f = 1 kHz, RL =
2.8
100 k
VO = 2 Vrms, f = 1 kHz
0.008%
THD+N
Total harmonic distortion plus noise
VO = 2 Vrms, f = 6.67 kHz
0.030%
Crosstalk
VO = 2 Vrms, f = 1 kHz
-80
dB
Avo
Open-loop voltage gain
155
dB
Rin
Input resistor range
1
10
47
k
Rfb
Feedback resistor range
4.7
20
100
k
Slew rate
2.2
V/µs
Maximum capacitive load
300
pF
Vn
Noise output voltage
22-kHz filter, A-weighted
10
µVrms
ESD
Electrostatic discharge
OUTR, OUTL
±8
kV
fosc
Charge pump switching frequency
280
320
420
kHz
Start-up time from shutdown
450
µs
Input impedance
1
M
Vo = 2 Vrms (THD+N = 0.1%), 22-kHz BW,
SNR
Signal-to-noise ratio
105
dB
A-weighted
G(bw)
Unity Gain Bandwidth
3.5
MHz
Threshold
150
170
°C
Thermal shutdown
Hysteresis
15
°C
4
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV601


Similar Part No. - DRV601RTJRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV601RTJRG4 TI-DRV601RTJRG4 Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
More results

Similar Description - DRV601RTJRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV600 TI-DRV600 Datasheet
600Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
DRV600 TI-DRV600_15 Datasheet
679Kb / 17P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV602 TI-DRV602_15 Datasheet
788Kb / 16P
[Old version datasheet]   DirectPath?? Pop-Free 3Vrms Line Driver with Adjustable Gain
DRV632 TI-DRV632 Datasheet
450Kb / 18P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com