Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS18B20 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS18B20
Description  Programmable Resolution 1-Wire Digital Thermometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS18B20_07 Datasheet HTML 1Page - Dallas Semiconductor DS18B20_07 Datasheet HTML 2Page - Dallas Semiconductor DS18B20_07 Datasheet HTML 3Page - Dallas Semiconductor DS18B20_07 Datasheet HTML 4Page - Dallas Semiconductor DS18B20_07 Datasheet HTML 5Page - Dallas Semiconductor DS18B20_07 Datasheet HTML 6Page - Dallas Semiconductor DS18B20_07 Datasheet HTML 7Page - Dallas Semiconductor DS18B20_07 Datasheet HTML 8Page - Dallas Semiconductor DS18B20_07 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1 of 21
101207
FEATURES
Unique 1-Wire
® interface requires only one
port pin for communication
Each device has a unique 64-bit serial code
stored in an onboard ROM
Multidrop capability simplifies distributed
temperature sensing applications
Requires no external components
Can be powered from data line. Power supply
range is 3.0V to 5.5V
Measures
temperatures
from
–55°C
to
+125°C (–67°F to +257°F)
±0.5°C accuracy from –10°C to +85°C
Thermometer resolution is user-selectable
from 9 to 12 bits
Converts temperature to 12-bit digital word in
750ms (max.)
User-definable
nonvolatile
(NV)
alarm
settings
Alarm
search
command
identifies
and
addresses
devices
whose
temperature
is
outside of programmed limits (temperature
alarm condition)
Available in 8-pin SO (150mil), 8-pin
μSOP,
and 3-pin TO-92 packages
Software compatible with the DS1822
Applications include thermostatic controls,
industrial
systems,
consumer
products,
thermometers, or any thermally sensitive
system
PIN ASSIGNMENT
PIN DESCRIPTION
GND - Ground
DQ
- Data In/Out
VDD
- Power Supply Voltage
NC
- No Connect
DESCRIPTION
The DS18B20 Digital Thermometer provides 9 to 12–bit centigrade temperature measurements and has
an alarm function with nonvolatile user-programmable upper and lower trigger points. The DS18B20
communicates over a 1-Wire bus that by definition requires only one data line (and ground) for
communication with a central microprocessor. It has an operating temperature range of –55°C to +125°C
and is accurate to
±0.5°C over the range of –10°C to +85°C. In addition, the DS18B20 can derive power
directly from the data line (“parasite power”), eliminating the need for an external power supply.
Each DS18B20 has a unique 64-bit serial code, which allows multiple DS18B20s to function on the same
1–wire bus; thus, it is simple to use one microprocessor to control many DS18B20s distributed over a
large area. Applications that can benefit from this feature include HVAC environmental controls,
temperature monitoring systems inside buildings, equipment or machinery, and process monitoring and
control systems.
DS18B20
Programmable Resolution
1-Wire Digital Thermometer
www.maxim-ic.com
8-Pin 150mil SO
(DS18B20Z)
TO-92
(DS18B20)
1
(BOTTOM VIEW)
2
3
DALLAS
18B20
1
2 3
NC
NC
NC
NC
GND
DQ
VDD
NC
6
8
7
5
3
1
2
4
NC
VDD
NC
NC
NC
GND
NC
DQ
6
8
7
5
3
1
2
4
8-Pin
μSOP
(DS18B20U)
1-Wire is a registered trademark of Dallas Semiconductor.


Similar Part No. - DS18B20_07

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20_08 Datasheet
183Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
More results

Similar Description - DS18B20_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20_08 Datasheet
183Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1825 MAXIM-DS1825 Datasheet
286Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Rev 020105
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com