Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET4211LDRGER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ONET4211LDRGER
Description  155 Mbps to 4.25 Gbps LASER DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET4211LDRGER Datasheet(HTML) 6 Page - Texas Instruments

Back Button ONET4211LDRGER Datasheet HTML 2Page - Texas Instruments ONET4211LDRGER Datasheet HTML 3Page - Texas Instruments ONET4211LDRGER Datasheet HTML 4Page - Texas Instruments ONET4211LDRGER Datasheet HTML 5Page - Texas Instruments ONET4211LDRGER Datasheet HTML 6Page - Texas Instruments ONET4211LDRGER Datasheet HTML 7Page - Texas Instruments ONET4211LDRGER Datasheet HTML 8Page - Texas Instruments ONET4211LDRGER Datasheet HTML 9Page - Texas Instruments ONET4211LDRGER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
PACKAGE
ONET4211LD
SLLS688 – NOVEMBER 2005
DETAILED DESCRIPTION (continued)
Table 1. Response to I/O-Pin Shorts to VCC or GND
FLTMODE = LOW
FLTMODE = HIGH
PIN
Response to Short to GND
Response to Short to VCC
Response to Short to GND
Response to Short to VCC
APCSET
SDOWN latched high, IBIAS and No fault, IMOD unaffected
SDOWN high, IBIAS and IMOD No fault
IMOD disabled
unaffected
BIAS
SDOWN latched high, IMOD
No fault, IBIAS goes to zero
SDOWN high, IMOD
No fault, IMOD unaffected
disabled
unaffected
CAPC
No fault
No fault, IBIAS goes to zero
No fault, IMOD unaffected
No fault, IBIAS goes to zero
DIN+
No fault, IMOD disabled
No fault
No fault, IMOD disabled
No fault
DIN–
No fault, IMOD disabled
No fault
No fault, IMOD disabled
No fault
DISABLE
Normal circuit operation
Normal circuit operation
Normal circuit operation
Normal circuit operation
IBMAX
SDOWN latched high, IBIAS and SDOWN latched high, IBIAS
SDOWN high, IMOD
SDOWN high, IMOD unaffected
IMOD disabled
and IMOD disabled
unaffected
MOD+
SDOWN latched high, IBIAS and No fault
SDOWN high, IBIAS
No fault
IMOD disabled
unaffected
MOD–
SDOWN latched high, IBIAS and No fault
SDOWN high, IBIAS
No fault
IMOD disabled
unaffected
MODSET
SDOWN latched high, IBIAS and No fault, IMOD disabled
SDOWN high, IBIAS
No fault, IMOD disabled
IMOD disabled
unaffected
MODTC
SDOWN latched high, IBIAS and No fault
SDOWN high, IBIAS and IMOD No fault
IMOD disabled
unaffected
MONB
No fault
SDOWN latched high, IBIAS
No fault
SDOWN high, IBIAS and IMOD
and IMOD disabled
unaffected
MONP
No fault
SDOWN latched high, IBIAS
No fault
SDOWN high, IBIAS and IMOD
and IMOD disabled
unaffected
OUTPOL
No fault, polarity reverses
No fault
No fault, polarity reverses
No fault
PD
No fault, IMOD unaffected
No fault, IBIAS goes to zero
No fault, IMOD unaffected
No fault, IBIAS goes to zero
SDOWN
No fault
No fault
No fault
No fault
For the ONET4211LD, a small-footprint, 4-mm
× 4-mm, 24-lead QFN package is used, with a lead pitch of 0,5
mm. The pinout is shown in Figure 3.
To achieve the required low thermal resistance of about 38 K/W, which keeps the maximum junction temperature
below 115
°C, a good thermal connection of the exposed die pad is mandatory.
6


Similar Part No. - ONET4211LDRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGER TI-ONET4201LDRGER Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGERG4 TI-ONET4201LDRGERG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGET TI-ONET4201LDRGET Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGETG4 TI-ONET4201LDRGETG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
More results

Similar Description - ONET4211LDRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
logo
Vitesse Semiconductor C...
VSC7398 VITESSE-VSC7398 Datasheet
491Kb / 2P
   155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
VSC7966 VITESSE-VSC7966 Datasheet
230Kb / 2P
   155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
logo
Analog Devices
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET4201PA TI-ONET4201PA Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
logo
Vitesse Semiconductor C...
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
   PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
VSC7967 VITESSE-VSC7967 Datasheet
610Kb / 2P
   PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com