Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2050H-6T Datasheet(PDF) 5 Page - STMicroelectronics

Part # T2050H-6T
Description  High temperature 20 A Snubberless??TRIACs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T2050H-6T Datasheet(HTML) 5 Page - STMicroelectronics

  T2050H-6T Datasheet HTML 1Page - STMicroelectronics T2050H-6T Datasheet HTML 2Page - STMicroelectronics T2050H-6T Datasheet HTML 3Page - STMicroelectronics T2050H-6T Datasheet HTML 4Page - STMicroelectronics T2050H-6T Datasheet HTML 5Page - STMicroelectronics T2050H-6T Datasheet HTML 6Page - STMicroelectronics T2050H-6T Datasheet HTML 7Page - STMicroelectronics T2050H-6T Datasheet HTML 8Page - STMicroelectronics T2050H-6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
T2035H, T2050H
Characteristics
5/10
Figure 9.
Relative variation of critical rate of
decrease of main current (dI/dt)c
versus reapplied (dV/dt)c
(typical values)
Figure 10.
Relative variation of critical rate of
decrease of main current versus
junction temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
100.0
(dI/dt)
c [(dV/dt) c ] / Specified (dI/dt)c
(dV/dt)C (V/µs)
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
(dI/dt)
c [Tj] / (dI/dt)c [Tj=150°C]
Tj(°C)
Figure 11.
Leakage current versus junction
temperature for different values of
blocking voltage (typical values)
Figure 12.
Acceptable repetitive peak off-state
voltage versus case to ambient
thermal resistance
Figure 13.
Thermal resistance junction to
ambient versus copper surface
under tab
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
50
75
100
125
150
I
DRM/IRRM(µA)
V
DRM=VRRM=400 V
V
DRM=VRRM=400 V
V
DRM=VRRM=600 V
V
DRM=VRRM=600 V
V
DRM=VRRM=200 V
V
DRM=VRRM=200 V
Tj(°C)
0
5
10
15
20
25
30
35
40
300
350
400
450
500
550
600
R
th(c-a)(°C/W)
R
th(j-c)=1.0 °C/W
T
J=150 °C
VDRM/VRRM(V)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
R
th(j-a)(°C/W)
D²PAK
SCU(cm²)


Similar Part No. - T2050H-6T

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T205000 E-SWITCH-T205000 Datasheet
62Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T205001 E-SWITCH-T205001 Datasheet
70Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T205002 E-SWITCH-T205002 Datasheet
70Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T205003 E-SWITCH-T205003 Datasheet
97Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T205004 E-SWITCH-T205004 Datasheet
71Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T2050H-6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2035H STMICROELECTRONICS-T2035H Datasheet
136Kb / 10P
   Snubberless??high temperature 20 A Triacs
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
   Snubberless high temperature 30 A Triacs
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
   Snubberless??high temperature 30 A Triacs
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
   Snubberless high temperature 25 A Triacs
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
   High temperature 16 A Snubberless??Triacs
T1635H STMICROELECTRONICS-T1635H Datasheet
123Kb / 10P
   Snubberless TM high temperature 16 A Triacs
T1235H STMICROELECTRONICS-T1235H_V01 Datasheet
136Kb / 10P
   High temperature 12 A Snubberless™ Triacs
September 2011
BTA08BW STMICROELECTRONICS-BTA08BW Datasheet
185Kb / 4P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-700BW KERSEMI-BTA20-700BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
BTA08AW STMICROELECTRONICS-BTA08AW Datasheet
184Kb / 4P
   SNUBBERLESS TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com