Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LR1206 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part No. LR1206
Description  Low Value Flat Chip Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

LR1206 Datasheet(HTML) 1 Page - Welwyn Components Limited

  LR1206_04 Datasheet HTML 1Page - Welwyn Components Limited LR1206_04 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H
L
D
D1
W
H
W
D
L
Protective Overcoat
Resistive Element
Copper Termination
Solder Plating
Nickel Barrier Layer
Alumina Substrate
Copper Wraparound
Termination
LR 1225
LR 1206 / 2010 / 2512
Low Value Flat
Chip Resistor
LRC/LRF Series
Standard 2512, 2010 and 1206 sizes
Resistance values down to 0.003 ohms
Leach resistant solder-plated copper
wrap-around termination
Low inductance - less than 0.2nH
Standard EIA Tape - 1206 = 8mm; 2010 or
2512 = 12mm
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Physical Data
Issue E · 12.04
A subsidiary of
TT electronics plc
Welwyn Components
23
LR1206
LR2010
LR2512
Power rating at 70°C
watts
0.5
1.0
1.5/2.0*
Resistance range
ohms
0R010 to 1R
0R003 to 1R
0R003 to 1R
Dielectric withstanding voltage
volts
200
200
200
TCR
ppm/°C
±100 (Contact factory for value below 0.050 ohms)
Resistance tolerance
%
≤R005 5%, >R005 1, 2, 5%
Temperature rise at rated power
°C
40
80
90
Pad and trace area for max power rating @ 70°C
mm2
30
30
100
*2 Watts with total solder pad and trace size of 300 mm
2
Dimensions (mm)
Size
L
W
H (max)
D
D1
LR1206
3.20±0.305
1.63±0.203
0.8
0.48±0.25
0.48±0.25
LR2010
5.23±0.38
2.64±0.25
0.8
0.48±0.25
0.48±0.25
LR2512
6.50±0.38
3.25±0.25
0.8
0.48±0.25
0.48±0.25
LRC-LRF_E.qxd
12/23/04
10:07 AM
Page 1


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LRC Low Value Flat Chip Resistor 1  2  Welwyn Components Limited
LRCS SMALL SIZE LOW VALUE CURRENT SENSE SURFACE MOUNT CHIP RESISTORS 1  2  Welwyn Components Limited
LRF3W Low Value 3W Chip Resistors 1  2  3  Welwyn Components Limited
RL3720 low resistance value chip resistors with long-side electrodes for high-precision current detection. 1  List of Unclassifed Manufacturers
ACAC0612 Flat Chip Resistor Array 1  2  3  4  5  Vishay Siliconix
TA22 Single Value Chip Resistor 1  2  3  Vishay Siliconix
CC1000 Single Chip Very Low Power RF Transceiver 1  2  3  4  5  More Texas Instruments
MT5C1008LL 128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER 1  2  3  4  5  More Austin Semiconductor
MNR32_1 Chip resistor networks 1  2  3  4  5  More Rohm
LC0805L103M Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors 1  2  3  4  5  More Bi technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn