Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6326A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # T6326A
Description  Low-Dropout, Constant-Current White LED with Channel Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T6326A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  T6326A Datasheet HTML 1Page - List of Unclassifed Manufacturers T6326A Datasheet HTML 2Page - List of Unclassifed Manufacturers T6326A Datasheet HTML 3Page - List of Unclassifed Manufacturers T6326A Datasheet HTML 4Page - List of Unclassifed Manufacturers T6326A Datasheet HTML 5Page - List of Unclassifed Manufacturers T6326A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TE
CH
tm
Preliminary T6326A
TM Technology Inc. reserves the right
P. 1
Publication Date: FEB. 2006
to change products or specifications without notice.
Revision: A
Low-Dropout, Constant-Current
White LED with Channel Control
FEATURES
• Up to 400mA LED Bias Current
• 3% LED Current Matching
• Simple LED Brightness Control
• Low 0.05uA Shutdown Current
• 3V to 5.5V Supply Voltage Range
• MSOP-10L Package
• Output channel :
MSOP-10L package for four channel
• LED1~4 Channels ON / OFF states:
T6326A-AM with 16 channel states
T6326A-BM with 5 channel states
• Build in Thermal Protect 140
°C
Applications
• Cellular Phones
• Portable Communication Devices
• Handheld Electronics
• Digital Cameras
• PDAs
• LED/Display Back Light Driver
• LEDs for Camera Flash
PART NUMBER EXAMPLES
GRNERAL DESCRIPTION
The T6326A low-dropout bias supply for
white LEDs is a high-performance alternative
to
the
simple
ballast
resistors
used
in
conventional white LED designs. The T6326A
with internal channel on/off select function.
The T6326A uses a single resistor to set the
bias current for four LEDs, which are matched
to 3%. The T6326A advantages over ballast
resistors include significantly better LED to
LED bias matching, much lower bias variation
with supply voltage variation, significantly
lower
dropout
voltage,
and
in
some
applications, significantly improved efficiency.
The T6326A is available in MSOP-10L
package.
PART NO.
PACKAGE
ON states
T6326A-AM
MSOP-10L
16
T6326A-BM
MSOP-10L
5


Similar Part No. - T6326A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6322A TMT-T6322A Datasheet
189Kb / 2P
   The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
T6322A-ADG TMT-T6322A-ADG Datasheet
189Kb / 2P
   The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
T6322A-AXG TMT-T6322A-AXG Datasheet
189Kb / 2P
   The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
T6323A TMT-T6323A Datasheet
459Kb / 10P
   300mA Voltage Regulator
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
More results

Similar Description - T6326A

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5920 GMT-G5920 Datasheet
681Kb / 9P
   Ultra Low-Dropout, Constant-Current White LED Bias
logo
Taiwan Memory Technolog...
T6311A TMT-T6311A Datasheet
44Kb / 9P
   Low-Dropout, Constant-Current White LED Bias Supply
logo
List of Unclassifed Man...
T6316A ETC2-T6316A Datasheet
40Kb / 6P
   Low-Dropout, Constant-Current White LED Bias Supply
logo
Maxim Integrated Produc...
MAX1916 MAXIM-MAX1916 Datasheet
211Kb / 7P
   Low-Dropout, Constant-Current Triple White LED Bias Supply
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
logo
Texas Instruments
LM2793 TI1-LM2793 Datasheet
281Kb / 12P
[Old version datasheet]   Low Noise White LED Constant Current Supply with Dual Function Brightness Control
logo
National Semiconductor ...
LM2793 NSC-LM2793 Datasheet
211Kb / 10P
   Low Noise White LED Constant Current Supply with Dual Function Brightness Control
logo
SG Micro Corp
SGM3127 SGMICRO-SGM3127_18 Datasheet
1Mb / 11P
   White LED Driver with Low Dropout Current Source
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
   4-Channel Constant Current White LED Driver
LP3361 POWER-LP3361 Datasheet
250Kb / 6P
   6-Channel Constant Current White LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com