Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS140AL Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TFS140AL
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TFS140AL Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TFS140AL Datasheet HTML 1Page - List of Unclassifed Manufacturers TFS140AL Datasheet HTML 2Page - List of Unclassifed Manufacturers TFS140AL Datasheet HTML 3Page - List of Unclassifed Manufacturers TFS140AL Datasheet HTML 4Page - List of Unclassifed Manufacturers TFS140AL Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Filename: tfs 140al.doc
Version 1.4
15.07.2005
VI TELEFILTER
Filter specification
TFS 140AL
5/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
History :
Version
Reason of changes
Name
Date
1.0
- generate development specifications.
Steiner
02.05.2005
1.1
- limit for relative attenuation modufied
Pfeiffer
11.05.2005
1.2
- pinning changed
Pfeiffer
13.05.2005
1.3
- terminating impedance, typical values and filter characteristic added
Pfeiffer
15.06.2005
1.4
- relative attenuation at fC ± 6 MHz changed to 39 dB
Pfeiffer
15.07.2005
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS140AL

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS140AL VECTRON-TFS140AL Datasheet
149Kb / 5P
   Filter specification
More results

Similar Description - TFS140AL

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com