Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMX320C6713PYP200 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMX320C6713PYP200
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6713PYP200 Datasheet(HTML) 3 Page - Texas Instruments

  TMX320C6713PYP200 Datasheet HTML 1Page - Texas Instruments TMX320C6713PYP200 Datasheet HTML 2Page - Texas Instruments TMX320C6713PYP200 Datasheet HTML 3Page - Texas Instruments TMX320C6713PYP200 Datasheet HTML 4Page - Texas Instruments TMX320C6713PYP200 Datasheet HTML 5Page - Texas Instruments TMX320C6713PYP200 Datasheet HTML 6Page - Texas Instruments TMX320C6713PYP200 Datasheet HTML 7Page - Texas Instruments TMX320C6713PYP200 Datasheet HTML 8Page - Texas Instruments TMX320C6713PYP200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 148 page
background image
TMS320C6713
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS186L − DECEMBER 2001 − REVISED NOVEMBER 2005
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
REVISION HISTORY
This data sheet revision history highlights the technical changes made to the SPRS186J device-specific data
sheet to make it an SPRS186K revision. It also highlights technical changes made to SPRS186K to generate
SPRS186L; these changes are marked by “[Revision L]” in the Revision History table below.
Removed device−specific information/data for TMS320C6713B from this document. For information/data on the
TMS320C6713B device, see the TMS320C6713B Floating−Point Digital Signal Processor Data Manual
SPRS294.
Scope: Applicable updates to the C67x device family, specifically relating to the C6713 device, have been incor-
porated. This device is now at the Production Data (PD) stage of development. Updated information on McASP,
McBSP and JTAG for clarification. Changed Pin Description for A12 and B11 (Revisions K and L). TI Recom-
mends for new designs that the following pins be configured as such:
D Pin A12 connected directly to CVDD (core power)
D Pin B11 connected directly to Vss (ground)
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
6
Terminal Assignments for the 272-Ball GDP Package (in Order of Ball No.) table:
Updated Signal Name for Ball No. A12
Updated Signal Name for Ball No. B11
10
PYP PowerPAD QFP package (top view):
Updated drawing
33
Device Configurations, Device Configurations Pins at Device Reset (HD[4:3], HD8, HD12, and CLKMODE0) section:
Removed “CE1 width 32−bit” from Functional Description for “00” in HD[4:3](BOOTMODE) Configuration Pin
37
Table 22 Peripheral Pin Selection Matrix:
Updated/changed MCBSP0DIS (DEVCFG bit) from “ACLKKO” to “ACLKXO”
46
Configuration Example F (1 McBSP + HPI + 1 McASP)
Updated from “McBSP1DIS = 1” to “McBSP1DIS = 0”
50
Terminal Functions, Host Port Interface section:
Associated footnote with HD15/GP[15] pin
50
Terminal Functions, Host Port Interface section:
Removed “CE1 width 32−bit” from Description for “00” in Bootmode HD[4:3]
55
Terminal Functions table, Timer 1 section:
Updated Description for TINP1/AHCLKX0 Signal Name
57
Terminal Functions table, Reserved for Test section:
Updated Description for RSV, 181 (PYP), A12 (GDP)
Updated Description for RSV, 180 (PYP), B11 (GDP)
57
Terminal Functions, Reserved for Test section:
Updated/changed Description for RSV Signal Name, A12 GDP (to “recommended”) − [Revision L]
Updated/changed Description for RSV Signal Name, B11 GDP (to “recommended”) − [Revision L]
66
Device support, device and development-support tool nomenclature section:
Updated figure for clarity
67
Device Support, document support section:
Updated paragraphs for clarity


Similar Part No. - TMX320C6713PYP200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6713PYP TI-TMX320C6713PYP Datasheet
1Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PORCESSOR
More results

Similar Description - TMX320C6713PYP200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
SM320C6727B TI1-SM320C6727B Datasheet
710Kb / 111P
[Old version datasheet]   Floating-Point Digital Signal Processor
SMJ320C6701 TI-SMJ320C6701_15 Datasheet
1,002Kb / 66P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com