Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS770F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TFS770F
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TFS770F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TFS770F Datasheet HTML 1Page - List of Unclassifed Manufacturers TFS770F Datasheet HTML 2Page - List of Unclassifed Manufacturers TFS770F Datasheet HTML 3Page - List of Unclassifed Manufacturers TFS770F Datasheet HTML 4Page - List of Unclassifed Manufacturers TFS770F Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 770f.doc
Version 1.2
08.05.2006
VI TELEFILTER
Filter specification
TFS 770F
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
50
Output:
50
Characteristics
Remark:
The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 770 MHz without any tolerance or limit.
The values of absolute attenuation aabs are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating
temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
1,5
dB
max.
3,2
dB
(reference level)
Nominal frequency
fN
-
770,0
MHz
Passband
PB
-
fN
±
2,5
MHz
Pass band ripple
0,6
dB
max.
1,0
dB
Absolute attenuation
aabs
0,3
MHz
750
MHz
42
dB
min.
38
dB
790
MHz
… 1400
MHz
44
dB
min.
38
dB
Group delay variation within PB
25
ns
max.
60
ns
VSWR within PB
1,4 : 1
max.
2 : 1
Input power level
-
max.
15
dBm
Operating temperature range
OTR
-
- 40 °C ... + 85°C
Storage temperature range
-
- 55 °C ... + 85°C
Temperature coefficient of frequency
TCf *
- 35
ppm/K
*)
∆fc(Hz) = Tcf(ppm/K) x (T - To) x fCAT (MHz).
Generated:
Checked / Approved:


Similar Part No. - TFS770F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS770F VECTRON-TFS770F Datasheet
126Kb / 5P
   Filter specification
More results

Similar Description - TFS770F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com