Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1578CDAR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1578CDAR
Description  2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1578CDAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV1578CDAR Datasheet HTML 3Page - Texas Instruments TLV1578CDAR Datasheet HTML 4Page - Texas Instruments TLV1578CDAR Datasheet HTML 5Page - Texas Instruments TLV1578CDAR Datasheet HTML 6Page - Texas Instruments TLV1578CDAR Datasheet HTML 7Page - Texas Instruments TLV1578CDAR Datasheet HTML 8Page - Texas Instruments TLV1578CDAR Datasheet HTML 9Page - Texas Instruments TLV1578CDAR Datasheet HTML 10Page - Texas Instruments TLV1578CDAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
TLV1571, TLV1578
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTERS
SLAS170D –MARCH 1999 – REVISED JULY 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
configure the device
The device can be configured by writing to control registers CR0 and CR1.
Table 2. TLV1571/TLV1578 Programming Examples
REGISTER
INDEX
D7
D6
D5
D4
D3
D2
D1
D0
COMMENT
REGISTER
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
COMMENT
EXAMPLE1
CR0
0
0
0
0
0
0
0
0
0
0
Single channel
CR1
0
1
0
0
0
0
0
1
0
0
Single Input
EXAMPLE2
CR0
0
0
0
1
1
0
1
0
1
1
Sweep mode
CR1
0
1
0
0
0
0
1
1
0
0
2s complement output
register read back
Control data written to the TLV1571/78 can be read back from the control registers CR0 and CR1. See Figure 2.
NOTE:
Data read out of CR1 reserved bits is don’t care.
power down
The TLV1571/TLV1578 offers two power down modes, auto power down and software power down. This device
will automatically proceed to auto power-down mode if RD is not present one clock after conversion. Software
power down is controlled directly by the user by pulling CS to DVDD.
Table 3. Power Down Modes
PARAMETERS/MODES
AUTO POWER DOWN
SOFTWARE POWER DOWN
(CS = DVDD)
Maximum power down dissipation current
1 mA
10
µA
Comparator
Power down
Power down
Clock buffer
Power down
Power down
Reference
Active
Power down
Control registers
Saved
Saved
Minimum power down time
1 CLK
2 CLK
Minimum resume time
1 CLK
2 CLK
self-test modes
The TLV1571/TLV1578 provides three self test modes. These modes can be used to check whether the ADC
itself is working properly without having to supply an external signal. There are three tests that are controlled
by writing to CR1(D1,D0) (see Table 4).
Table 4. Self Tests
CR1(D1,D0)
SELF TEST VOLTAGE APPLIED
DIGITAL OUTPUT
0h
Normal, no self test applied
N/A
1h
VREFM applied to ADC input internally
000h
2h
(VREFP–VREFM)/2 applied to ADC input internally
200h
3h
VIN = VREFP applied to ADC input internally
3FFh


Similar Part No. - TLV1578CDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1578CDAR TI1-TLV1578CDAR Datasheet
629Kb / 34P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578CDARG4 TI1-TLV1578CDARG4 Datasheet
629Kb / 34P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLV1578CDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1571 TI1-TLV1571_14 Datasheet
629Kb / 34P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571 TI-TLV1571 Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV5627CDR TI1-TLV5627CDR Datasheet
468Kb / 23P
[Old version datasheet]   2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com