Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSMB15A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TPSMB15A
Description  Surface Mount Automotive Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPSMB15A Datasheet(HTML) 2 Page - Vishay Siliconix

  TPSMB15A Datasheet HTML 1Page - Vishay Siliconix TPSMB15A Datasheet HTML 2Page - Vishay Siliconix TPSMB15A Datasheet HTML 3Page - Vishay Siliconix TPSMB15A Datasheet HTML 4Page - Vishay Siliconix TPSMB15A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TPSMB6.8 thru TPSMB43A
Vishay General Semiconductor
Document Number: 88406
Revision: 10-May-07
www.vishay.com
159
Notes:
(1) VBR measured after IT applied for 300 µs, IT = square wave pulse or equivalent
(2) Surge current waveform per Fig. 3 and derated per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR
(1) AT I
T (V)
TEST
CURRENT
IT (mA)
STAND-
OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
TJ = 150 °C
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
MAXIMUM
PEAK
PULSE
SURGE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MIN.
MAX.
TPSMB6.8
KDP
6.12
7.48
10
5.50
500
1000
55.6
10.8
TPSMB6.8A
KEP
6.45
7.14
10
5.80
500
1000
57.1
10.5
TPSMB7.5
KFP
6.75
8.25
10
6.05
250
500
51.3
11.7
TPSMB7.5A
KGP
7.13
7.88
10
6.40
250
500
53.1
11.3
TPSMB8.2
KHP
7.38
9.02
10
6.63
100
200
48.0
12.5
TPSMB8.2A
KKP
7.79
8.61
10
7.02
100
200
49.6
12.1
TPSMB9.1
KLP
8.19
10.0
1.0
7.37
25.0
50.0
43.5
13.8
TPSMB9.1A
KMP
8.65
9.55
1.0
7.78
25.0
50.0
44.8
13.4
TPSMB10
KNP
9.00
11.0
1.0
8.10
5.0
20.0
40.0
15.0
TPSMB10A
KPP
9.50
10.5
1.0
8.55
5.0
20.0
41.4
14.5
TPSMB11
KQP
9.90
12.1
1.0
8.92
2.0
5.0
37.0
16.2
TPSMB11A
KRP
10.5
11.6
1.0
9.40
2.0
5.0
38.5
15.6
TPSMB12
KSP
10.8
13.2
1.0
9.72
2.0
5.0
34.7
17.3
TPSMB12A
KTP
11.4
12.6
1.0
10.2
2.0
5.0
35.9
16.7
TPSMB13
KUP
11.7
14.3
1.0
10.5
2.0
5.0
31.6
19.0
TPSMB13A
KVP
12.4
13.7
1.0
11.1
2.0
5.0
33.0
18.2
TPSMB15
KWP
13.5
16.5
1.0
12.1
1.0
5.0
27.3
22.0
TPSMB15A
KXP
14.3
15.8
1.0
12.8
1.0
5.0
28.3
21.2
TPSMB16
KYP
14.4
17.6
1.0
12.9
1.0
5.0
25.5
23.5
TPSMB16A
KZP
15.2
16.8
1.0
13.6
1.0
5.0
26.7
22.5
TPSMB18
LDP
16.2
19.8
1.0
14.5
1.0
5.0
22.6
26.5
TPSMB18A
LEP
17.1
18.9
1.0
15.3
1.0
5.0
23.8
25.2
TPSMB20
LFP
18.0
22.0
1.0
16.2
1.0
5.0
20.6
29.1
TPSMB20A
LGP
19.0
21.0
1.0
17.1
1.0
5.0
21.7
27.7
TPSMB22
LHP
19.8
24.2
1.0
17.8
1.0
5.0
18.8
31.9
TPSMB22A
LKP
20.9
23.1
1.0
18.8
1.0
5.0
19.6
30.6
TPSMB24
LLP
21.6
26.4
1.0
19.4
1.0
5.0
17.3
34.7
TPSMB24A
LMP
22.8
25.2
1.0
20.5
1.0
5.0
18.1
33.2
TPSMB27
LNP
24.3
29.7
1.0
21.8
1.0
5.0
15.3
39.1
TPSMB27A
LPP
25.7
28.4
1.0
23.1
1.0
5.0
16.0
37.5
TPSMB30
LQP
27.0
33.0
1.0
24.3
1.0
5.0
13.8
43.5
TPSMB30A
LRP
28.5
31.5
1.0
25.6
1.0
5.0
14.5
41.4
TPSMB33
LSP
29.7
36.3
1.0
26.8
1.0
5.0
12.6
47.7
TPSMB33A
LTP
31.4
34.7
1.0
28.2
1.0
5.0
13.1
45.7
TPSMB36
LUP
32.4
39.6
1.0
29.1
1.0
5.0
11.5
52.0
TPSMB36A
LVP
34.2
37.8
1.0
30.8
1.0
5.0
12.0
49.9
TPSMB39
LWP
35.1
42.9
1.0
31.6
1.0
5.0
10.6
56.4
TPSMB39A
LXP
37.1
41.0
1.0
33.3
1.0
5.0
11.1
53.9
TPSMB43
LYP
38.7
47.3
1.0
34.8
1.0
5.0
9.70
61.9
TPSMB43A
LZP
40.9
45.2
1.0
36.8
1.0
5.0
10.1
59.3


Similar Part No. - TPSMB15A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMB15A VISHAY-TPSMB15A Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMB15A VISHAY-TPSMB15A Datasheet
82Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
logo
Shenzhen Taychipst Elec...
TPSMB15A TAYCHIPST-TPSMB15A Datasheet
13Mb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Anova Technologies CO.,...
TPSMB15A ANOVA-TPSMB15A Datasheet
294Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
TPSMB15A LUGUANG-TPSMB15A Datasheet
835Kb / 3P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - TPSMB15A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
logo
Shanghai Shunye Electro...
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com