Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSMA11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TPSMA11
Description  Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPSMA11 Datasheet(HTML) 2 Page - Vishay Siliconix

  TPSMA11 Datasheet HTML 1Page - Vishay Siliconix TPSMA11 Datasheet HTML 2Page - Vishay Siliconix TPSMA11 Datasheet HTML 3Page - Vishay Siliconix TPSMA11 Datasheet HTML 4Page - Vishay Siliconix TPSMA11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TPSMA6.8 thru TPSMA43A
Vishay General Semiconductor
Document Number: 88405
Revision: 20-Sep-07
www.vishay.com
151
Note:
(1) VBR measured after IT applied for 300 µs, IT = square wave pulse or equivalent
(2) Surge current waveform per Fig. 3 and derated per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR
(1) AT I
T (V)
TEST
CURRENT
IT (mA)
STAND-
OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
IR (µA)
TJ = 150 °C
MAXIMUM
REVERSE
LEAKAGE AT
VWM
ID (µA)
MAXIMUM
PEAK
PULSE
SURGE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MIN
MAX
TPSMA6.8
ADP
6.12
7.48
10
5.50
300
1000
37.0
10.8
TPSMA6.8A
AEP
6.45
7.14
10
5.80
300
1000
38.1
10.5
TPSMA7.5
AFP
6.75
8.25
10
6.05
150
500
34.2
11.7
TPSMA7.5A
AGP
7.13
7.88
10
6.40
150
500
35.4
11.3
TPSMA8.2
AHP
7.38
9.02
10
6.63
50
200
32.0
12.5
TPSMA8.2A
AKP
7.79
8.61
10
7.02
50
200
33.1
12.1
TPSMA9.1
ALP
8.19
10.00
1.0
7.37
10
50
29.0
13.8
TPSMA9.1A
AMP
8.65
9.55
1.0
7.78
10
50
29.9
13.0
TPSMA10
ANP
9.00
11.00
1.0
8.10
5.0
20
26.7
15.0
TPSMA10A
APP
9.50
10.50
1.0
8.65
5.0
20
27.6
14.5
TPSMA11
AQP
9.90
12.10
1.0
8.92
1.0
5.0
24.7
16.2
TPSMA11A
ARP
10.50
11.60
1.0
9.40
1.0
5.0
25.6
15.6
TPSMA12
ASP
10.80
13.20
1.0
9.72
1.0
5.0
23.1
17.3
TPSMA12A
ATP
11.40
12.60
1.0
10.20
1.0
5.0
24.0
16.7
TPSMA13
AUP
11.70
14.30
1.0
10.50
1.0
5.0
21.1
19.0
TPSMA13A
AVP
12.40
13.70
1.0
11.10
1.0
5.0
22.0
18.2
TPSMA15
AWP
13.50
16.30
1.0
12.10
1.0
5.0
18.2
22.0
TPSMA15A
AXP
14.30
15.80
1.0
12.80
1.0
5.0
18.9
21.2
TPSMA16
AYP
14.40
17.60
1.0
12.90
1.0
5.0
17.0
23.5
TPSMA16A
AZP
15.20
16.80
1.0
13.60
1.0
5.0
17.8
22.0
TPSMA18
BDP
16.20
19.80
1.0
14.50
1.0
5.0
15.1
26.5
TPSMA18A
BEP
17.10
18.90
1.0
15.30
1.0
5.0
15.9
25.5
TPSMA20
BFP
18.00
22.00
1.0
16.20
1.0
5.0
13.7
29.1
TPSMA20A
BGP
19.00
21.00
1.0
17.10
1.0
5.0
14.4
27.7
TPSMA22
BHP
19.80
24.20
1.0
17.80
1.0
5.0
12.5
31.9
TPSMA22A
BKP
20.90
23.10
1.0
18.80
1.0
5.0
13.1
30.6
TPSMA24
BLP
21.60
26.40
1.0
19.40
1.0
5.0
11.5
34.7
TPSMA24A
BMP
22.80
25.20
1.0
20.50
1.0
5.0
12.0
33.2
TPSMA27
BNP
24.30
29.70
1.0
21.80
1.0
5.0
10.2
39.1
TPSMA27A
BPP
25.70
28.40
1.0
23.10
1.0
5.0
10.7
37.5
TPSMA30
BQP
27.00
33.00
1.0
24.30
1.0
5.0
9.2
43.5
TPSMA30A
BRP
28.50
31.50
1.0
25.60
1.0
5.0
9.7
41.4
TPSMA33
BSP
29.70
36.30
1.0
26.80
1.0
5.0
8.4
47.0
TPSMA33A
BTP
31.40
34.70
1.0
28.20
1.0
5.0
8.8
45.7
TPSMA36
BUP
32.40
39.60
1.0
29.10
1.0
5.0
7.7
52.0
TPSMA36A
BVP
34.20
37.80
1.0
30.80
1.0
5.0
8.0
49.9
TPSMA39
BWP
35.10
42.90
1.0
31.60
1.0
5.0
7.1
56.4
TPSMA39A
BXP
37.10
41.00
1.0
33.30
1.0
5.0
7.4
53.9
TPSMA43
BYP
38.70
47.30
1.0
34.80
1.0
5.0
6.5
61.9
TPSMA43A
BZP
40.90
45.20
1.0
36.80
1.0
5.0
6.7
59.3


Similar Part No. - TPSMA11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMA11 VISHAY-TPSMA11 Datasheet
36Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
TPSMA11 VISHAY-TPSMA11 Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMA11 VISHAY-TPSMA11 Datasheet
81Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
logo
Shenzhen Taychipst Elec...
TPSMA11 TAYCHIPST-TPSMA11 Datasheet
13Mb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPSMA11 VISHAY-TPSMA11 Datasheet
88Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 17-Dec-12
More results

Similar Description - TPSMA11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMB43A VISHAY-TPSMB43A_08 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMA43A VISHAY-TPSMA43A_08 Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMC47A VISHAY-TPSMC47A Datasheet
109Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
3KASMC10 VISHAY-3KASMC10 Datasheet
93Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
29-Jun-06
TMPG06-43A VISHAY-TMPG06-43A_08 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TMPG06-43A VISHAY-TMPG06-43A Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
SM6A27-E32D VISHAY-SM6A27-E32D Datasheet
85Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
SM8S30AHE32D VISHAY-SM8S30AHE32D Datasheet
98Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
SM6S28AHE3 VISHAY-SM6S28AHE3 Datasheet
87Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
TMPG06-6.8 VISHAY-TMPG06-6.8_11 Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com