Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1934YSTZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD1934YSTZ
Description  8-Channel DAC with PLL, 192 kHz, 24 Bits
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1934YSTZ Datasheet(HTML) 4 Page - Analog Devices

  AD1934YSTZ Datasheet HTML 1Page - Analog Devices AD1934YSTZ Datasheet HTML 2Page - Analog Devices AD1934YSTZ Datasheet HTML 3Page - Analog Devices AD1934YSTZ Datasheet HTML 4Page - Analog Devices AD1934YSTZ Datasheet HTML 5Page - Analog Devices AD1934YSTZ Datasheet HTML 6Page - Analog Devices AD1934YSTZ Datasheet HTML 7Page - Analog Devices AD1934YSTZ Datasheet HTML 8Page - Analog Devices AD1934YSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD1934
Rev. 0 | Page 4 of 28
Specifications measured at 130°C (case).
Table 2.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
DIGITAL-TO-ANALOG CONVERTERS
Dynamic Range
20 Hz to 20 kHz, −60 dB input
No Filter (RMS)
98
104
dB
With A-Weighted Filter (RMS)
100
106
dB
With A-Weighted Filter (Average)
108
dB
Total Harmonic Distortion + Noise
0 dBFS
Single-Ended Version
Two channels running
−92
dB
Eight channels running
−86
−70
dB
Full-Scale Output Voltage
0.8775 (2.482)
V rms (V p-p)
Gain Error
−10
+10
%
Interchannel Gain Mismatch
−0.2
+0.2
dB
Offset Error
−16
−4
+16
mV
Gain Drift
−30
+30
ppm/°C
REFERENCE
Internal Reference Voltage
FILTR pin
1.50
V
External Reference Voltage
FILTR pin
1.32
1.50
1.68
V
Common-Mode Reference Output
CM pin
1.50
V
CRYSTAL OSCILLATOR SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
Transconductance
3.5
Mmhos
DIGITAL INPUT/OUTPUT SPECIFICATIONS
−40°C < TA < +130°C, DVDD = 3.3 V ± 10%.
Table 4.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
Input Voltage HI (VIH)
2.0
V
Input Voltage HI (VIH)
MCLKI pin
2.2
V
Input Voltage LO (VIL)
0.8
V
Input Leakage
IIH @ VIH = 2.4 V
10
μA
IIL @ VIL = 0.8 V
10
μA
High Level Output Voltage (VOH)
IOH = 1 mA
DVDD − 0.60
V
Low Level Output Voltage (VOL)
IOL = 1 mA
0.4
V
Input Capacitance
5
pF


Similar Part No. - AD1934YSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1934YSTZ AD-AD1934YSTZ Datasheet
575Kb / 28P
   8-Channel DAC
AD1934YSTZ-RL AD-AD1934YSTZ-RL Datasheet
575Kb / 28P
   8-Channel DAC
More results

Similar Description - AD1934YSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1933YSTZ AD-AD1933YSTZ Datasheet
380Kb / 28P
   8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com