Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTS2030SMD Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HTS2030SMD
Description  Temperature and Relative Humidity Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HTS2030SMD Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HTS2030SMD Datasheet HTML 1Page - List of Unclassifed Manufacturers HTS2030SMD Datasheet HTML 2Page - List of Unclassifed Manufacturers HTS2030SMD Datasheet HTML 3Page - List of Unclassifed Manufacturers HTS2030SMD Datasheet HTML 4Page - List of Unclassifed Manufacturers HTS2030SMD Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
HTS2030SMD sensors have been qualified through a complete qualification process taking in account many of the requirements of the JEDEC standard including:
• Solder heat and solderability including lead free process.
• Pb free wave soldering and reflow soldering process(260°C) + DI water clean at 45°C
• Mechanical shock JESD-22-B104-A
• Vibration - Variable frequency(20 to 2000Hz) JESD-22-B103-A
• Marking permanency
• ESD - Electrostatic Discharge –Air Gun +-15kV(IEC 1000)
• Salt Atmosphere JESD22-A107-A
Qualification Process
Package Outline HTS2030SMD
Dim
A
B
C
D
E
F
G
H
L
Min
6
10
2.7
0.8
2.54
12.8
0-7°
0.2
0.1
A
B
C
Carrier Carrier
Carrier
Reel
Reel
Tape
Tape
Tape
Diameter
Width
Pitch
Depth
360 mm
30.4 mm 24 mm 4 mm
4 mm
Dimensions in millimeters
Ordering Information: HTS2030SMD
•HPP804B130: TUBE M.P.Q. OF 78 PIECES.
•HPP804B131: TAPE AND REEL M.P.Q. OF 1500 PIECES.
TEMPERATURE AND RELATIVE HUMIDITY SENSORS.
Typical response look-up table (Humidity Output)
RH (%)
0
5
10
15
20
25
30
35
40
45
50
Fout (Hz)
7155
7080
7010
6945
6880
6820
6760
6705
6650
RH (%)
55
60
65
70
75
80
85
90
95
100
Fout (Hz)
6600
6550
6500
6450
6400
6355
6305
6260
6210
HTS2030SMD Temperature and Relative Humidity Sensor
Measurement Specialties, Inc. G 1000 Lucas Way Hampton, VA 23666 USA G www.meas-spec.com G 757-766-1500 G 800-745-8008 G Fax 757-766-4297
- 5 -
HTS2030MD-0307
• Temperature Cycling - 40°C / +125°C
• High Temperature / Humidity Operating Life - 93%RH / 60°C for 1000 hours
• Low Humidity storage life - RH < 10%/23°C - 1000 hours
• Resistance to immersion in water at ambient temperature and 80°C
• High temperature storage 140°C for 168 hours.
• Resistance to many chemicals linked to home appliances/automotive
or consumer applications.
ENVIRONMENTAL AND RECYCLING
HTS2030SMD sensors are lead free components and are compatible with Pb Free soldering processes. HTS2030SMD
sensors are free from Cr (6+), Cd and Hg.


Similar Part No. - HTS2030SMD

ManufacturerPart #DatasheetDescription
logo
Humirel
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
More results

Similar Description - HTS2030SMD

ManufacturerPart #DatasheetDescription
logo
Humirel
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Renesas Technology Corp
HS310X RENESAS-HS310X Datasheet
819Kb / 21P
   High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
logo
List of Unclassifed Man...
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
   Digital relative humidity & temperature sensor
RHT05 ETC-RHT05 Datasheet
419Kb / 5P
   Digital relative humidity & temperature sensor
logo
Renesas Technology Corp
HS3101 RENESAS-HS3101_V01 Datasheet
789Kb / 21P
   High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
logo
List of Unclassifed Man...
RHT03 ETC-RHT03 Datasheet
436Kb / 5P
   Digital relative humidity & temperature sensor
RHT01 ETC-RHT01 Datasheet
442Kb / 5P
   Digital relative humidity & temperature sensor
logo
Renesas Technology Corp
HS3001 RENESAS-HS3001 Datasheet
785Kb / 21P
   High Performance Relative Humidity and Temperature Sensor
HS300X RENESAS-HS300X Datasheet
733Kb / 21P
   High Performance Relative Humidity and Temperature Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com