Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C185-35PC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C185-35PC
Description  8K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C185-35PC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C185-35PC Datasheet HTML 1Page - Cypress Semiconductor CY7C185-35PC Datasheet HTML 2Page - Cypress Semiconductor CY7C185-35PC Datasheet HTML 3Page - Cypress Semiconductor CY7C185-35PC Datasheet HTML 4Page - Cypress Semiconductor CY7C185-35PC Datasheet HTML 5Page - Cypress Semiconductor CY7C185-35PC Datasheet HTML 6Page - Cypress Semiconductor CY7C185-35PC Datasheet HTML 7Page - Cypress Semiconductor CY7C185-35PC Datasheet HTML 8Page - Cypress Semiconductor CY7C185-35PC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY7C185
Document #: 38-05043 Rev. **
Page 5 of 11
Switching Waveforms
9.
Device is continuously selected. OE, CE1 = VIL. CE2 = VIH.
10. WE is HIGH for read cycle.
11. Data I/O is High Z if OE = VIH, CE1 = VIH, WE = VIL, or CE2=VIL.
12. The internal write time of the memory is defined by the overlap of CE1 LOW, CE2 HIGH and WE LOW. CE1 and WE must be LOW and CE2 must be HIGH
to initiate write. A write can be terminated by CE1 or WE going HIGH or CE2 going LOW. The data input set-up and hold timing should be referenced to the
rising edge of the signal that terminates the write.
13. During this period, the I/Os are in the output state and input signals should not be applied.
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
C185–6
Read Cycle No.1[9,10]
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
IMPEDANCE
ICC
ISB
tHZOE
tHZCE
tPD
OE
HIGH
DATA OUT
VCC
SUPPLY
CURRENT
CE1
OE
CE2
C185–7
Read Cycle No.2[11,12]
C185–8
tHD
tSD
tPWE
tSA
tHA
tAW
tWC
tHZOE
DATA IN VALID
CE
CE1
OE
WE
CE2
DATA I/O
tSCEI
tSCE2
ADDRESS
NOTE 13
[10,12]
Write Cycle No. 1 (WE Controlled)


Similar Part No. - CY7C185-35PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185-35PC CYPRESS-CY7C185-35PC Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C185-35PC CYPRESS-CY7C185-35PC Datasheet
307Kb / 12P
   8K x 8 Static RAM
More results

Similar Description - CY7C185-35PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
   8K X 8 STATIC RAM
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com