Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF10K50S Datasheet(PDF) 78 Page - Altera Corporation

Part # EPF10K50S
Description  Embedded Programmable Logic Device
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K50S Datasheet(HTML) 78 Page - Altera Corporation

Back Button EPF10K50S Datasheet HTML 74Page - Altera Corporation EPF10K50S Datasheet HTML 75Page - Altera Corporation EPF10K50S Datasheet HTML 76Page - Altera Corporation EPF10K50S Datasheet HTML 77Page - Altera Corporation EPF10K50S Datasheet HTML 78Page - Altera Corporation EPF10K50S Datasheet HTML 79Page - Altera Corporation EPF10K50S Datasheet HTML 80Page - Altera Corporation EPF10K50S Datasheet HTML 81Page - Altera Corporation EPF10K50S Datasheet HTML 82Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 100 page
background image
78
Altera Corporation
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
tOD3
4.0
5.6
7.5
ns
tXZ
2.8
4.1
5.5
ns
tZX1
2.8
4.1
5.5
ns
tZX2
2.8
4.1
5.5
ns
tZX3
4.0
5.6
7.5
ns
tINREG
2.5
3.0
4.1
ns
tIOFD
0.4
0.5
0.6
ns
tINCOMB
0.4
0.5
0.6
ns
Table 54. EPF10K130E Device EAB Internal Microparameters (Part 1 of 2)
Note (1)
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tEABDATA1
1.5
2.0
2.6
ns
tEABDATA2
0.0
0.0
0.0
ns
tEABWE1
1.5
2.0
2.6
ns
tEABWE2
0.3
0.4
0.5
ns
tEABRE1
0.3
0.4
0.5
ns
tEABRE2
0.0
0.0
0.0
ns
tEABCLK
0.0
0.0
0.0
ns
tEABCO
0.3
0.4
0.5
ns
tEABBYPASS
0.1
0.1
0.2
ns
tEABSU
0.8
1.0
1.4
ns
tEABH
0.1
0.2
0.2
ns
tEABCLR
0.3
0.4
0.5
ns
tAA
4.0
5.0
6.6
ns
tWP
2.7
3.5
4.7
ns
tRP
1.0
1.3
1.7
ns
tWDSU
1.0
1.3
1.7
ns
tWDH
0.2
0.2
0.3
ns
tWASU
1.6
2.1
2.8
ns
tWAH
1.6
2.1
2.8
ns
tRASU
3.0
3.9
5.2
ns
tRAH
0.1
0.1
0.2
ns
tWO
1.5
2.0
2.6
ns
Table 53. EPF10K130E Device IOE Timing Microparameters
Note (1)
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max


Similar Part No. - EPF10K50S

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50S ALTERA-EPF10K50S Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K50S ALTERA-EPF10K50S Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50SFC484-2X ALTERA-EPF10K50SFC484-2X Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
More results

Similar Description - EPF10K50S

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50EQC240-1N ALTERA-EPF10K50EQC240-1N Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K100B ALTERA-EPF10K100B Datasheet
60Kb / 1P
   Embedded Programmable Logic Device
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com