Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF10K50S Datasheet(PDF) 70 Page - Altera Corporation

Part # EPF10K50S
Description  Embedded Programmable Logic Device
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K50S Datasheet(HTML) 70 Page - Altera Corporation

Back Button EPF10K50S Datasheet HTML 66Page - Altera Corporation EPF10K50S Datasheet HTML 67Page - Altera Corporation EPF10K50S Datasheet HTML 68Page - Altera Corporation EPF10K50S Datasheet HTML 69Page - Altera Corporation EPF10K50S Datasheet HTML 70Page - Altera Corporation EPF10K50S Datasheet HTML 71Page - Altera Corporation EPF10K50S Datasheet HTML 72Page - Altera Corporation EPF10K50S Datasheet HTML 73Page - Altera Corporation EPF10K50S Datasheet HTML 74Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
70
Altera Corporation
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
Table 40. EPF10K50E Device EAB Internal Microparameters
Note (1)
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tEABDATA1
1.7
2.0
2.7
ns
tEABDATA1
0.6
0.7
0.9
ns
tEABWE1
1.1
1.3
1.8
ns
tEABWE2
0.4
0.4
0.6
ns
tEABRE1
0.8
0.9
1.2
ns
tEABRE2
0.4
0.4
0.6
ns
tEABCLK
0.0
0.0
0.0
ns
tEABCO
0.3
0.3
0.5
ns
tEABBYPASS
0.5
0.6
0.8
ns
tEABSU
0.9
1.0
1.4
ns
tEABH
0.4
0.4
0.6
ns
tEABCLR
0.3
0.3
0.5
ns
tAA
3.2
3.8
5.1
ns
tWP
2.5
2.9
3.9
ns
tRP
0.9
1.1
1.5
ns
tWDSU
0.9
1.0
1.4
ns
tWDH
0.1
0.1
0.2
ns
tWASU
1.7
2.0
2.7
ns
tWAH
1.8
2.1
2.9
ns
tRASU
3.1
3.7
5.0
ns
tRAH
0.2
0.2
0.3
ns
tWO
2.5
2.9
3.9
ns
tDD
2.5
2.9
3.9
ns
tEABOUT
0.5
0.6
0.8
ns
tEABCH
1.5
2.0
2.5
ns
tEABCL
2.5
2.9
3.9
ns


Similar Part No. - EPF10K50S

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50S ALTERA-EPF10K50S Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K50S ALTERA-EPF10K50S Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50SFC484-2X ALTERA-EPF10K50SFC484-2X Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
More results

Similar Description - EPF10K50S

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50EQC240-1N ALTERA-EPF10K50EQC240-1N Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K100B ALTERA-EPF10K100B Datasheet
60Kb / 1P
   Embedded Programmable Logic Device
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com