Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

V-730P Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. V-730P
Description  Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

V-730P Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type V-730P
Film Capacitors
High Frequency, Wrap-and-Fill,
Metallized Polypropylene
Vishay Sprague
Document Number: 42092
For technical questions, contact: spresale@vishay.com
www.vishay.com
Revision: 16-Nov-07
27
Note:
Other capacitance values and voltage ratings are available on request
** Part Numbers listed are for a capacitance tolerance of ± 10 %. To specifiy ± 20 % tolerance, change the “X9” in the Part Number to “X0”;
for ± 5 %, from “X9” to “X5”.
*** The peak current pulse capability ot these capacitors is 10 amperes/µF. The maximum rate voltage change is 10 V/µS.
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER**
CASE SIZE
ESR
(Milliohms)
20 kHz -
100 kHz
MAXIMUM RIPPLE CURRENT
(Amps rms) at 20 kHz
Case Temperature*** at
D
L
+ 25 °C + 35 °C + 45 °C + 55 °C + 65 °C + 75 °C + 85 °C
400 WVDC
0.047
V-730P473X9400
0.258 [6.6]
0.75 [19.0]
-
1.0
1.0
1.0
1.0
1.0
1.0
0.9
0.056
V-730P563X9400
0.275 [7.0]
0.75 [19.0]
-
1.1
1.1
1.1
1.1
1.1
1.1
0.9
0.068
V-730P683X9400
0.297 [7.5]
0.75 [19.0]
-
1.4
1.4
1.4
1.4
1.4
1.4
1.0
0.082
V-730P823X9400
0.320 [8.1]
0.75 [19.0]
-
1.7
1.7
1.7
1.7
1.7
1.6
1.1
0.1
V-730P104X9400
0.348 [8.8]
0.75 [19.0]
-
2.0
2.0
2.0
2.0
2.0
1.9
1.3
0.12
V-730P124X9400
0.299 [7.6]
1.00 [25.4]
-
1.4
1.4
1.4
1.4
1.4
1.4
1.4
0.15*
V-730P154X9400
0.328 [8.3]
1.00 [25.4]
-
1.7
1.7
1.7
1.7
1.7
1.7
1.6
0.18
V-730P184X9400
0.353 [9.0]
1.00 [25.4]
-
2.1
2.1
2.1
2.1
2.1
2.1
1.7
0.22
V-730P224X9400
0.385 [9.8]
1.00 [25.4]
-
2.6
2.6
2.6
2.6
2.6
2.5
1.8
0.27
V-730P274X9400
0.421 [10.7] 1.00 [25.4]
-
3.1
3.1
3.1
3.1
3.1
2.7
1.9
0.33
V-730P334X9400
0.469 [11.9] 1.00 [25.4]
-
3.8
3.8
3.8
3.8
3.5
2.9
2.0
0.39
V-730P394X9400
0.503 [12.8] 1.00 [25.4]
-
4.1
4.1
4.1
4.1
3.7
3.1
2.1
0.47
V-730P474X9400
0.545 [13.8] 1.00 [25.4]
32.0
5.7
5.5
5.0
4.4
3.8
3.2
2.2
0.56
V-730P564X9400
0.506 [12.9] 1.25 [31.8]
31.0
5.7
5.7
5.3
4.4
4.1
3.3
2.3
0.68
V-730P684X9400
0.551 [14.0] 1.25 [31.8]
30.0
5.7
5.7
5.5
4.8
4.3
3.5
2.4
0.82
V-730P824X9400
0.599 [15.2] 1.25 [31.8]
28.0
5.7
5.7
5.6
5.3
4.5
3.7
2.6
1.0
V-730P105X9400
0.655 [16.6] 1.25 [31.8]
27.0
5.7
5.7
5.7
5.7
5.7
4.7
4.3
1.2
V-730P125X9400
0.712 [18.1] 1.25 [31.8]
26.0
6.3
6.2
6.0
5.9
5.8
4.9
4.5
1.5
V-730P155X9400
0.658 [16.7] 1.75 [44.5]
25.0
7.0
6.9
6.7
6.6
6.5
5.2
4.7
1.8
V-730P185X9400
0.716 [18.2] 1.75 [44.5]
23.0
8.0
7.9
7.8
7.7
6.8
5.5
5.0
2.0
V-730P205X9400
0.752 [19.1] 1.75 [44.5]
21.0
9.0
9.0
9.0
8.0
7.0
5.7
5.2
2.2
V-730P225X9400
0.786 [20.0] 1.75 [44.5]
20.0
9.0
9.0
9.0
8.3
7.4
5.9
5.4
2.7
V-730P275X9400
0.865 [22.0] 1.75 [44.5]
19.0
9.0
9.0
9.0
8.6
7.6
6.0
5.6
3.0
V-730P305X9400
0.909 [23.1] 1.75 [44.5]
17.0
9.0
9.0
9.0
9.0
7.9
6.4
5.9
3.3
V-730P335X9400
0.951 [24.2] 1.75 [44.5]
16.0
9.0
9.0
9.0
9.0
8.1
6.6
6.3
3.9
V-730P395X9400
1.031 [26.2] 1.75 [44.5]
15.0
9.0
9.0
9.0
9.0
8.3
6.8
6.5
630 WVDC
0.022
V-730P223X9630
0.283 [7.2]
0.75 [19.0]
-
0.8
0.8
0.8
0.8
00.8
0.8
0.8
0.027
V-730P273X9630
0.307 [7.8]
0.75 [19.0]
-
1.0
1.0
1.0
1.0
1.0
1.0
0.9
0.033
V-730P333X9630
0.334 [8.5]
0.75 [19.0]
-
1.2
1.2
1.2
1.2
1.2
1.2
1.0
0.039
V-730P393X9630
0.358 [9.1]
0.75 [19.0]
-
1.4
1.4
1.4
1.4
1.4
1.4
1.0
0.047
V-730P473X9630
0.388 [9.9]
0.75 [19.0]
-
1.7
1.7
1.7
1.7
1.7
1.6
1.1
0.056
V-730P563X9630
0.418 [10.6] 0.75 [19.0]
-
2.1
2.1
2.1
2.1
2.1
1.7
1.2
0.068
V-730P683X9630
0.346 [8.8]
1.00 [25.4]
-
1.3
1.3
1.3
1.3
1.3
1.3
1.3
0.082
V-730P823X9630
0.374 [9.5]
1.00 [25.4]
-
1.6
1.6
1.6
1.6
1.6
1.6
1.6
0.1
V-730P104X9630
0.408 [10.4] 1.00 [25.4]
-
1.9
1.9
1.9
1.9
1.9
1.9
1.6
0.12
V-730P124X9630
0.443 [11.3] 1.00 [25.4]
-
2.3
2.3
2.3
2.3
2.3
2.3
1.8
0.15
V-730P154X9630
0.496 [12.6] 1.00 [25.4]
-
2.9
2.9
2.9
2.9
2.9
2.9
1.9
0.18
V-730P184X9630
0.538 [13.7] 1.00 [25.4]
-
3.5
3.5
3.5
3.5
3.5
2.7
1.9
0.22
V-730P224X9630
0.496 [12.6] 1.25 [31.8]
-
2.8
2.8
2.8
2.8
2.8
2.8
2.3
0.27
V-730P274X9630
0.542 [13.8] 1.25 [31.8]
-
3.5
3.5
3.5
3.5
3.5
3.3
2.3
0.33
V-730P334X9630
0.593 [15.1] 1.25 [31.8]
-
4.3
4.3
4.3
4.3
4.3
3.5
2.4
0.39
V-730P394X9630
0.639 [16.2] 1.25 [31.8]
-
5.0
5.0
5.0
5.0
4.6
3.7
2.5
0.47
V-730P474X9630
0.696 [17.7] 1.25 [31.8]
28.0
6.8
6.3
5.8
5.2
4.5
3.6
2.6
0.56
V-730P564X9630
0.608 [15.4] 1.75 [44.5]
26.0
7.4
6.9
6.3
5.6
4.8
4.0
2.8
0.68
V-730P684X9630
0.664 [16.9] 1.75 [44.5]
25.0
7.8
7.2
6.6
5.9
5.1
4.2
2.9
0.82
V-730P824X9630
0.724 [18.4] 1.75 [44.5]
22.0
8.1
7.5
6.9
6.2
5.3
4.3
3.1
1.0
V-730P105X9630
0.794 [20.2] 1.75 [44.5]
18.0
8.6
7.9
7.3
6.5
5.6
4.6
3.6
ORDERING INFORMATION
V-730P
224
X9
100
TYPE
CAPACITANCE
CAPACITANCE TOLERANCE
DC VOLTAGE RATING*
This is expressed in picofarads. The first two
digits are the significant figures. The third is
the number of zeros to follow.
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 %
This is expressed in volts.
* At + 85 °C, AC rms ratings for frequencies up to and including 400 Hz correspond to this table:
WVDC
100
250
400
630
RATED rms VOLTS
70
175
275
275


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn