Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W6810 Datasheet(PDF) 10 Page - Winbond

Part # W6810
Description  Codec Evaluation System User?셲 Guide
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W6810 Datasheet(HTML) 10 Page - Winbond

Back Button W6810 Datasheet HTML 6Page - Winbond W6810 Datasheet HTML 7Page - Winbond W6810 Datasheet HTML 8Page - Winbond W6810 Datasheet HTML 9Page - Winbond W6810 Datasheet HTML 10Page - Winbond W6810 Datasheet HTML 11Page - Winbond W6810 Datasheet HTML 12Page - Winbond W6810 Datasheet HTML 13Page - Winbond W6810 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
WECA
W6810DK
2727 N First Street, San Jose CA 95134
10
J1: Bit Clock Select:
J1 selects the Bit Clock frequencies from 4.096MHz to 64KHz.
J2A: Frame Sync:
J2A sets the Frame Sync (FSR) to 8KHz (SW3-2)
J3: Power Supply 5VDC
J4: GND TST points
J5: Side Tone (SW3-6)
J5 enables the side tone path on the PCM Codec filter
J6: VAG CAP ENABLE: (SW4-1)
J6 enables VAG filter cap
J7: Transmitter
Transmit output level at 1000Hz: -46dBV ± 4dB
Output Impedance at 100 Hz: 1000 ± 300 Ω
J8: RJ11 Handset connector.
J9A: 2.5V Reference Voltage (SW3-7)
J9A is not used.
J9B: SPKR+ = PAO
(SW3-8)
J9B connects pin 4 W6810 to the RJ11 handset
J10: A-Law and µ-Law Selection: (SW4-2)
J10A Selects µ _Law and J10B Selects A-Law.


Similar Part No. - W6810

ManufacturerPart #DatasheetDescription
logo
Winbond
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
328Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W6810 NUVOTON-W6810 Datasheet
902Kb / 35P
   W6810 SINGLE CHANNEL VOICECODEC
logo
Winbond
W6810ES WINBOND-W6810ES Datasheet
548Kb / 6P
   Single Channel CODEC Mini Evaluation Board
W6810IE WINBOND-W6810IE Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
More results

Similar Description - W6810

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL282X7SOICEVAL2Z INTERSIL-ISL282X7SOICEVAL2Z Datasheet
252Kb / 4P
   Evaluation Board User?셲 Guide
logo
Microchip Technology
EVB-KSZ9893 MICROCHIP-EVB-KSZ9893 Datasheet
8Mb / 32P
   Evaluation Board User?셲 Guide
08/15/18
logo
Intersil Corporation
ISL281X7SOICEVAL1Z INTERSIL-ISL281X7SOICEVAL1Z Datasheet
206Kb / 4P
   Evaluation Board User?셲 Guide
ISL281X7MSOPEVAL1Z INTERSIL-ISL281X7MSOPEVAL1Z Datasheet
254Kb / 4P
   Evaluation Board User?셲 Guide
ISL28233MSOPEVAL2Z INTERSIL-ISL28233MSOPEVAL2Z Datasheet
383Kb / 4P
   ISL28233MSOPEVAL2Z Evaluation Board User?셲 Guide
ISL28210SOICEVAL1Z INTERSIL-ISL28210SOICEVAL1Z Datasheet
344Kb / 4P
   ISL28210SOICEVAL1Z Evaluation Board User?셲 Guide
logo
Microchip Technology
PAC1934 MICROCHIP-PAC1934 Datasheet
1Mb / 45P
   Evaluation Board (ADM00805) User?셲 Guide
11/07/16
MCP402XEV MICROCHIP-MCP402XEV Datasheet
756Kb / 46P
   Digital Potentiometer Evaluation Board User?셲 Guide
10/31/05
EVB-USB5734 MICROCHIP-EVB-USB5734 Datasheet
7Mb / 37P
   EVB-USB5734 Evaluation Board User?셲 Guide
01/30/15
EVB-LAN9353 MICROCHIP-EVB-LAN9353 Datasheet
1Mb / 43P
   EVB-LAN9353 Evaluation Board User?셲 Guide
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com