Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW320OXC-4T Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYW320OXC-4T
Description  200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW320OXC-4T Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYW320OXC-4T Datasheet HTML 5Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 6Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 7Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 8Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 9Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 10Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 11Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 12Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
W320-04
Document #: 38-07010 Rev. *C
Page 9 of 17
Definition and Application of PWRGD# Signal
CPU
VRM8.5
3.3V
PWRGD#
NPN
CLOCK
GENERATOR
10K
10K
10K
10K
GMCH
S1
S0
3.3V
3.3V
PWRGD#
BSEL0
BSEL1
Vtt


Similar Part No. - CYW320OXC-4T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CYW320OXC-4T SPECTRALINEAR-CYW320OXC-4T Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CYW320OXC-4T SILABS-CYW320OXC-4T Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results

Similar Description - CYW320OXC-4T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-03 SPECTRALINEAR-W320-03 Datasheet
251Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
W320-03 SILABS-W320-03 Datasheet
201Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04H CYPRESS-W320-04H Datasheet
264Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-04 SPECTRALINEAR-W320-04 Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com