Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW320OXC-4T Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYW320OXC-4T
Description  200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW320OXC-4T Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYW320OXC-4T Datasheet HTML 1Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 2Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 3Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 4Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 5Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 6Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 7Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 8Page - Cypress Semiconductor CYW320OXC-4T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
W320-04
Document #: 38-07010 Rev. *C
Page 5 of 17
Data Byte 1
Bit
Pin#
Name
Description
Type
Power On
Default
Bit 7
N/A
CPU Mult0 Value
R
N/A
Bit 6
52, 49,
45
CPU0:2
Three-State CPU0:2 during power down
0 = Normal; 1 = Three-stated
R/W
0
Bit 5
44, 45
CPU2
CPU2#
Allow Control of CPU2 with assertion of CPU_STOP#
0 = Not free running; 1 = Free running
R/W
0
Bit 4
48, 49
CPU1
CPU1#
Allow Control of CPU1 with assertion of CPU_STOP#
0 = Not free running;1 = Free running
R/W
0
Bit 3
51, 52
CPU0
CPU0#
Allow Control of CPU0 with assertion of CPU_STOP#
0= Not free running; 1 = Free running
R/W
0
Bit 2
44, 45
CPU2
CPU2#
CPU2 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 1
48, 49
CPU1
CPU1#
CPU1Output Enable
1 = Enabled; 0= Disabled
R/W
1
Bit 0
51, 52
CPU0
CPU0#
CPU0 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Data Byte 2
Bit
Pin#
Name
Pin Description
Type
Power On
Default
Bit 7
N/A
N/A
R
0
Bit 6
18
PCI6
PCI6 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 5
17
PCI5
PCI5 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 4
16
PCI4
PCI4 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 3
13
PCI3
PCI3 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 2
12
PCI2
PCI2 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 1
11
PCI1
PCI1 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 0
10
PCI0
PCI0 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Data Byte 3
Bit
Pin#
Name
Pin Description
Type
Power On
Default
Bit 7
38
DOT
DOT 48-MHz Output Enable
R/W
1
Bit 6
39
USB
USB 48-MHz Output Enable
R/W
1
Bit 5
7
PCI_F2
Allow control of PCI_F2 with assertion of PCI_STOP#
0 = Free running; 1 = Stopped with PCI_STOP#
R/W
0
Bit 4
6
PCI_F1
Allow control of PCI_F1 with assertion of PCI_STOP#
0 = Free running; 1 = Stopped with PCI_STOP#
R/W
0
Bit 3
5
PCI_F0
Allow control of PCI_F0 with assertion of PCI_STOP#
0 = Free running; 1 = Stopped with PCI_STOP#
R/W
0
Bit 2
7
PCI_F2
PCI_F2 Output Enable
R/W
1
Bit 1
6
PCI_F1
PCI_F1Output Enable
R/W
1
Bit 0
5
PCI_F0
PCI_F0 Output Enable
R/W
1


Similar Part No. - CYW320OXC-4T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CYW320OXC-4T SPECTRALINEAR-CYW320OXC-4T Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CYW320OXC-4T SILABS-CYW320OXC-4T Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results

Similar Description - CYW320OXC-4T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-03 SPECTRALINEAR-W320-03 Datasheet
251Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
W320-03 SILABS-W320-03 Datasheet
201Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04H CYPRESS-W320-04H Datasheet
264Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-04 SPECTRALINEAR-W320-04 Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com