Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW180-51SX Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYW180-51SX
Description  Peak Reducing EMI Solution
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW180-51SX Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYW180-51SX Datasheet HTML 1Page - Cypress Semiconductor CYW180-51SX Datasheet HTML 2Page - Cypress Semiconductor CYW180-51SX Datasheet HTML 3Page - Cypress Semiconductor CYW180-51SX Datasheet HTML 4Page - Cypress Semiconductor CYW180-51SX Datasheet HTML 5Page - Cypress Semiconductor CYW180-51SX Datasheet HTML 6Page - Cypress Semiconductor CYW180-51SX Datasheet HTML 7Page - Cypress Semiconductor CYW180-51SX Datasheet HTML 8Page - Cypress Semiconductor CYW180-51SX Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
W180
Document #: 38-07156 Rev. *B
Page 2 of 10
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
CLKOUT
5
O
Output Modulated Frequency: Frequency modulated copy of the unmodulated
input clock (SSON# asserted).
CLKIN or X1
1
I
Crystal Connection or External Reference Frequency Input: This pin has dual
functions. It may either be connected to an external crystal, or to an external reference
clock.
NC or X2
2
I
Crystal Connection: Input connection for an external crystal. If using an external
reference, this pin must be left unconnected.
SSON#
8 (-02, -03 52, 53)
I
Spread Spectrum Control (Active LOW): Asserting this signal (active LOW) turns
the internal modulation waveform on. This pin has an internal pull-down resistor.
FS1:2
7, 8 (-01, 51)
I
Frequency Selection Bit(s) 1 and 2: These pins select the frequency range of
operation. Refer to Table 2. These pins have internal pull-up resistors.
SS%
4
I
Modulation Width Selection: When Spread Spectrum feature is turned on, this pin
is used to select the amount of variation and peak EMI reduction that is desired on
the output signal. Internal pull-up resistor.
VDD
6
P
Power Connection: Connected to 3.3V or 5V power supply.
GND
3
G
Ground Connection: This should be connected to the common ground plane.


Similar Part No. - CYW180-51SX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW181-01SX CYPRESS-CYW181-01SX Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
CYW181-01SXT CYPRESS-CYW181-01SXT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
CYW181-02SX CYPRESS-CYW181-02SX Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
CYW181-02SXT CYPRESS-CYW181-02SXT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
CYW181-03SX CYPRESS-CYW181-03SX Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
More results

Similar Description - CYW180-51SX

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2590A ONSEMI-ASM3P2590A Datasheet
132Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com