Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W40S11-23 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # W40S11-23
Description  Clock Buffer/Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W40S11-23 Datasheet(HTML) 5 Page - Cypress Semiconductor

  W40S11-23 Datasheet HTML 1Page - Cypress Semiconductor W40S11-23 Datasheet HTML 2Page - Cypress Semiconductor W40S11-23 Datasheet HTML 3Page - Cypress Semiconductor W40S11-23 Datasheet HTML 4Page - Cypress Semiconductor W40S11-23 Datasheet HTML 5Page - Cypress Semiconductor W40S11-23 Datasheet HTML 6Page - Cypress Semiconductor W40S11-23 Datasheet HTML 7Page - Cypress Semiconductor W40S11-23 Datasheet HTML 8Page - Cypress Semiconductor W40S11-23 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
W40S11-23
5
Signaling Requirements
As shown in Figure 2, valid data bits are defined as stable logic
0 or 1 condition on the data line during a clock HIGH (logic 1)
pulse. A transitioning data line during a clock HIGH pulse may
be interpreted as a start or stop pulse (it will be interpreted as
a start or stop pulse if the start/stop timing parameters are
met).
A write sequence is initiated by a “start bit” as shown in Figure
3. A “stop bit” signifies that a transmission has ended.
As stated previously, the W40S11-23 sends an “acknowledge”
pulse after receiving eight data bits in each byte as shown in
Figure 4.
SDATA
SCLOCK
Valid
Data
Bit
Change
of Data Allowed
Figure 2. Serial Data Bus Valid Data Bit
SDATA
SCLOCK
Start
Bit
Stop
Bit
Figure 3. Serial Data Bus Start and Stop Bit


Similar Part No. - W40S11-23

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23 Datasheet
124Kb / 9P
   Clock Buffer/Driver
W40S11-23 CYPRESS-W40S11-23 Datasheet
213Kb / 11P
   Clock Buffer/Driver
W40S11-23G CYPRESS-W40S11-23G Datasheet
213Kb / 11P
   Clock Buffer/Driver
More results

Similar Description - W40S11-23

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3805 ICST-MK3805 Datasheet
122Kb / 6P
   Buffer/Clock Driver
logo
Cypress Semiconductor
W40S11-23G CYPRESS-W40S11-23G Datasheet
213Kb / 11P
   Clock Buffer/Driver
logo
Integrated Device Techn...
MK3807-01 IDT-MK3807-01 Datasheet
170Kb / 7P
   BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
ICSLV810 RENESAS-ICSLV810 Datasheet
479Kb / 15P
   BUFFER/CLOCK DRIVER
2019
logo
Integrated Device Techn...
LV810FILF IDT-LV810FILF Datasheet
304Kb / 14P
   BUFFER/CLOCK DRIVER
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23 Datasheet
124Kb / 9P
   Clock Buffer/Driver
logo
Renesas Technology Corp
MK3807-01 RENESAS-MK3807-01 Datasheet
317Kb / 8P
   BUFFER/CLOCK DRIVER
051310
MK3805 RENESAS-MK3805 Datasheet
333Kb / 8P
   BUFFER/CLOCK DRIVER
051310
logo
Integrated Circuit Syst...
ICSLV810 ICST-ICSLV810 Datasheet
243Kb / 12P
   Buffer/Clock Driver
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
   Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com