Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA1111C Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # AA1111C
Description  Flat Lens Type 1.6X0.8mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

AA1111C Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  AA1111C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. AA1111C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. AA1111C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. AA1111C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. AA1111C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. AA1111C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. AA1111C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1111C Series
Flat Lens Type 1.6X0.8mm
SURFACE MOUNT LED
■ Absolute Maximum Ratings
Power Dissipation
Forward Current
Peak Forward Current
Reverse Voltage
Operating Temp.
Storage Temp.
Derating
*
Pd
IF
IFM
VR
Topr
Tstg
∆IF
Units
mW
mA
mA
V
°C
°C
mA /
°C
Red
BR
57.5
25
60
4
-30~+85
-40~+100
Orange
AA
70
25
60
4
-30~+85
-40~+100
AY
70
25
60
4
-30~+85
-40~+100
PY
70
25
60
4
-30~+85
-40~+100
Green
PG
70
25
60
4
-30~+85
-40~+100
Pure Green
BG
70
25
60
4
-30~+85
-40~+100
Yellow
0.36
* The current derating for operation applies when temperature is above 25°C.
• IFM Condition : tw
≤_ 1ms, Duty ≤_ 1/20
.
o
N
t
r
a
P
p
i
h
C
Lens
Color
y
t
i
s
n
e
t
n
I
s
u
o
n
i
m
u
Lh
t
g
n
e
l
e
v
a
We
g
a
t
l
o
V
d
r
a
w
r
o
F
t
n
e
r
r
u
C
e
s
r
e
v
e
R
IV
λ d
∆λ
VF
IR
l
a
i
r
e
t
a
M
r
o
l
o
C
d
e
t
t
i
m
E
N
I
MP
Y
TIF
P
Y
TP
Y
TIF
P
Y
TX
A
MIF
X
A
MVR
λ p
P
Y
T
Units
mcd
mcd
mA
nm
nm
nm
mA
V
V
mA
µAV
BG1111C
PG1111C
PY1111C
AY1111C
AA1111C
BR1111C
GaP
Pure Green
1.4
2.4
20
558
555
30
20
2.1
2.8
20
100
4
GaP
Green
3.8
6.4
20
567
560
30
20
2.1
2.8
20
100
4
GaP
Yellow
White
7.0
11.7
20
572
570
30
20
2.1
2.8
20
100
4
GaAsP
Milky
2.0
3.4
20
590
580
30
20
2.2
2.8
20
100
4
GaAsP
Orange
2.0
3.4
20
605
605
30
20
2.2
2.8
20
100
4
GaAlAs
Red
7.0
11.7
20
647
660
30
20
1.7
2.3
20
100
4
■ Electro-Optical Characteristics
Ta = 25°C
Ta = 25°C
0.5
90
˚
60
˚
60
˚
30
˚
0
˚
30
˚
90
˚
■ Package Dimensions
■ Spatial Distribution
Unit : mm
1
2
(0.8)
0.2
± 0.1
0.7
± 0.1
0.8
± 0.1
Cathode Mark
Polarity Mark
1
2
1
2
4±0.1
(0.9)
4±0.1
(1)
(φ0.5)
Center Hole
Center Hole
φ1.5
2±0.05
(0.2)
+0.1
 0
■ Taping Specification
Unit : mm
* Quantity 4,000 pcs/Reel
Recommended Soldering pad
PWB Camber direction
※The dimension of BR type is defined the chip position of the symmetry at the center line (C.L.)


Similar Part No. - AA1111C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AA1111R STANLEY-AA1111R Datasheet
441Kb / 21P
   Single Color 3216 Reverse Mount Type
More results

Similar Description - AA1111C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDW47-66-60-120 ETC2-LEDW47-66-60-120 Datasheet
75Kb / 1P
   Flat Lens Type White Color Light Illuminato
logo
STANLEY ELECTRIC CO.,LT...
BR1101W STANLEY-BR1101W Datasheet
162Kb / 2P
   1101W Series Standard Type Flat Lens SMT LED
logo
List of Unclassifed Man...
AA1101W ETC1-AA1101W Datasheet
160Kb / 2P
   1101W Series Standard Type Flat Lens SMT LED
logo
P-tec Corporation
PL70-WDG13 P-TEC-PL70-WDG13 Datasheet
72Kb / 1P
   Flat Top 3mm Lens
PL70-WDR24 P-TEC-PL70-WDR24 Datasheet
72Kb / 1P
   Flat Top 3mm Lens
logo
Sanken electric
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
logo
HB Electronic Component...
PLCC2835-W3-1W HB-PLCC2835-W3-1W Datasheet
965Kb / 8P
   Lens Type
PLCC6-0.5W-W3 HB-PLCC6-0.5W-W3 Datasheet
1Mb / 12P
   Lens Type
PLCC6-0.5W-W6 HB-PLCC6-0.5W-W6 Datasheet
938Kb / 12P
   Lens Type
logo
Sanken electric
SEC1001 SANKEN-SEC1001 Datasheet
24Kb / 1P
   3x1.5 Surface Mount LED (Flat Lens)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com