Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0103EQ-LXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYV15G0103EQ-LXC
Description  Prosumer Video Cable Equalizer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0103EQ-LXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYV15G0103EQ-LXC Datasheet HTML 1Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 2Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 3Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 4Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 5Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 6Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 7Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 8Page - Cypress Semiconductor CYV15G0103EQ-LXC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYV15G0103EQ
Document Number: 001-12874 Rev. **
Page 3 of 9
Table 1. Pin Descriptions - CYV15G0103EQ Prosumer Video Cable Equalizer
Name
IO Characteristics
Signal Description
Control Signals
MUTE
LVTTL Input
Mute. When the MUTE pin is set LOW, the equalizer’s differential serial outputs are not
muted.
When the MUTE pin is set HIGH, the equalizer’s differential serial outputs are muted.
BYPASS setting is ignored when MUTE is HIGH.
Connecting CD to the MUTE pin enables automatic muting of the equalizer when the
signal is lost.
Do not leave an unused MUTE pin floating. Always drive it to a known state.
CD
LVTTL Output
Carrier Detect. When the incoming data stream is present and maximum cable length
does not exceed that set by MCLADJ, CD outputs a voltage less than 0.8V.
When the incoming data stream is not present or maximum cable length exceeds that set
by MCLADJ, CD outputs a voltage greater than 2.8V.
Connecting CD to the MUTE pin enables automatic muting of the equalizer upon loss of
signal.
MCLADJ
Analog Input
Maximum Cable Length Adjust. The maximum cable length to equalize is set by the
voltage applied to the MCLADJ input. When the maximum cable length set by MCLADJ
is reached, the CD indicator deasserts.
If MCLADJ functionality is not needed, this pin should be left floating or tied to ground to
allow maximum equalized cable length.
MCLADJ works at both SD and HD data rates.
BYPASS
LVTTL Input
Equalizer Bypass. When BYPASS is set HIGH, the signal presented at the equalizer’s
differential serial inputs (SDI, SDI) is routed to the equalizer’s differential serial outputs
(SDO, SDO) without equalizing.
When BYPASS is set LOW, the incoming video data stream is equalized and presented
at the equalizer‘s serial differential outputs (SDO, SDO).
When the MUTE pin is set HIGH, the BYPASS setting is ignored and the serial outputs
are muted.
AGC, AGC
Analog
Automatic Gain Control. Place a capacitor of 1
μF between the AGC and AGC pins.
SDO, SDO
Differential
Output
Differential Serial Outputs. The equalized serial video data stream is presented at the
SDO/SDO differential serial CML output.
SDI, SDI
Differential
Input
Differential Serial Inputs. SDI/SDI accepts either a single-ended or differential serial
video data stream over 75
Ω coaxial cable.
Power
VCC
Power
Power Supply for Device. Connect to +3.3V DC.
GND
Gnd
Connect to Ground.
Center Pad
Connect to PCB Ground for Maximum Thermal Dissipation.
[+] Feedback


Similar Part No. - CYV15G0103EQ-LXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0100EQ CYPRESS-CYV15G0100EQ Datasheet
247Kb / 10P
   Prosumer Video Cable Equalizer
CYV15G0100EQ-SXC CYPRESS-CYV15G0100EQ-SXC Datasheet
247Kb / 10P
   Prosumer Video Cable Equalizer
CYV15G0101DXB CYPRESS-CYV15G0101DXB Datasheet
457Kb / 39P
   Single-channel HOTLink Transceiver
CYV15G0101DXB CYPRESS-CYV15G0101DXB Datasheet
445Kb / 39P
   Single-channel HOTLink II??Transceiver
CYV15G0101DXB CYPRESS-CYV15G0101DXB Datasheet
954Kb / 44P
   Single-channel HOTLink II Transceiver Compliant to multiple standards
More results

Similar Description - CYV15G0103EQ-LXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0100EQ CYPRESS-CYV15G0100EQ Datasheet
247Kb / 10P
   Prosumer Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
CYV15G0101EQ CYPRESS-CYV15G0101EQ_07 Datasheet
250Kb / 10P
   Multi Rate Video Cable Equalizer
CYV15G0102EQ CYPRESS-CYV15G0102EQ Datasheet
88Kb / 10P
   Multi-Rate Video Cable Equalizer
CYV15G0104EQ CYPRESS-CYV15G0104EQ Datasheet
250Kb / 9P
   Multi Rate Video Cable Equalizer
logo
New Japan Radio
NJM2258 NJRC-NJM2258 Datasheet
262Kb / 7P
   VIDEO EQUALIZER
logo
Cypress Semiconductor
CYV15G0101EQ CYPRESS-CYV15G0101EQ Datasheet
226Kb / 10P
   Multi-Rate Video Cable Equalizer (SOIC)
logo
M/A-COM Technology Solu...
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com