Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0201DXB-BBXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYV15G0201DXB-BBXI
Description  Dual-channel HOTLink II??Transceiver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0201DXB-BBXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYV15G0201DXB-BBXI Datasheet HTML 7Page - Cypress Semiconductor CYV15G0201DXB-BBXI Datasheet HTML 8Page - Cypress Semiconductor CYV15G0201DXB-BBXI Datasheet HTML 9Page - Cypress Semiconductor CYV15G0201DXB-BBXI Datasheet HTML 10Page - Cypress Semiconductor CYV15G0201DXB-BBXI Datasheet HTML 11Page - Cypress Semiconductor CYV15G0201DXB-BBXI Datasheet HTML 12Page - Cypress Semiconductor CYV15G0201DXB-BBXI Datasheet HTML 13Page - Cypress Semiconductor CYV15G0201DXB-BBXI Datasheet HTML 14Page - Cypress Semiconductor CYV15G0201DXB-BBXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
CYW15G0201DXB
CYV15G0201DXB
CYP15G0201DXB
Document #: 38-02058 Rev. *H
Page 11 of 46
OELE
LVTTL Input,
asynchronous,
internal pull-up
Serial Driver Output Enable Latch Enable. Active HIGH. When OELE = HIGH, the signals
on the BOE[3:0] inputs directly control the OUTxy
± differential drivers. When the BOE[x]
input is HIGH, the associated OUTxy
± differential driver is enabled. When the BOE[x] input
is LOW, the associated OUTxy
± differential driver is powered down. When OELE returns
LOW, the last values present on BOE[3:0] are captured in the internal Output Enable Latch.
The specific mapping of BOE[3:0] signals to transmit output enables is listed in Table 9.
If the device is reset (TRSTZ is sampled LOW), the latch is reset to disable all outputs.
RXLE
LVTTL Input,
asynchronous,
internal pull-up
Receive Channel Power-Control Latch Enable. Active HIGH. When RXLE = HIGH, the
signals on the BOE[3:0] inputs directly control the power enables for the receive PLLs and
analog logic. When the BOE[3:0] input is HIGH, the associated receive channel A and
receive channel B PLL and analog logic are active. When the BOE[3:0] input is LOW, the
associated receive channel A and receive channel B PLL and analog logic are placed in a
non-functional power saving mode. When RXLE returns LOW, the last values present on
BOE[3:0] are captured in the internal RX PLL Enable Latch. The specific mapping of
BOE[3:0] signals to the associated receive channel enables is listed in Table 9. When the
device is reset (TRSTZ is sampled LOW), the latch is reset to disable both receive channels.
BISTLE
LVTTL Input,
asynchronous,
internal pull-up
Transmit and Receive BIST Latch Enable. Active HIGH. When BISTLE = HIGH, the
signals on the BOE[3:0] inputs directly control the transmit and receive BIST enables. When
the BOE[x] input is LOW, the associated transmit or receive channel is configured to
generate or compare the BIST sequence. When the BOE[x] input is HIGH, the associated
transmit or receive channel is configured for normal data transmission or reception. When
BISTLE returns LOW, the last values present on BOE[3:0] are captured in the internal BIST
Enable Latch. The specific mapping of BOE[3:0] signals to transmit and receive BIST
enables is listed in Table 9. When the latch is closed, if the device is reset (TRSTZ is sampled
LOW), the latch is reset to disable BIST on all transmit and receive channels.
BOE[3:0]
LVTTL Input,
asynchronous,
internal pull-up
BIST, Serial Output, and Receive Channel Enables. These inputs are passed to and
through the Output Enable Latch when OELE = HIGH, and captured in this latch when
OELE returns LOW. These inputs are passed to and through the BIST Enable Latch when
BISTLE = HIGH, and captured in this latch when BISTLE returns LOW. These inputs are
passed to and through the Receive Channel Enable Latch when RXLE = HIGH, and
captured in this latch when RXLE returns LOW.
LFIA
LFIB
LVTTL Output,
Asynchronous
Link Fault Indication Output. Active LOW. LFIx is the logical OR of four internal conditions:
1. Received serial data frequency outside expected range.
2. Analog amplitude below expected levels.
3. Transition density lower than expected.
4. Receive Channel disabled.
JTAG Interface
TMS
LVTTL Input,
internal pull-up
Test Mode Select. Used to control access to the JTAG Test Modes. If maintained HIGH for
>5 TCLK cycles, the JTAG test controller is reset. The TAP controller is also reset automat-
ically upon application of power to the device.
TCLK
LVTTL Input,
internal pull-down
JTAG Test Clock.
TDO
3-State
LVTTL Output
Test Data Out. JTAG data output buffer which is High-Z while JTAG test mode is not
selected.
TDI
LVTTL Input,
internal pull-up
Test Data In. JTAG data input port.
Power
VCC
+3.3V power.
GND
Signal and Power Ground for all internal circuits.
Pin Descriptions CYP(V)(W)15G0201DXB Dual HOTLink II Transceiver (continued)
Pin Name
I/O Characteristics
Signal Description


Similar Part No. - CYV15G0201DXB-BBXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0201DXB-BBC CYPRESS-CYV15G0201DXB-BBC Datasheet
577Kb / 46P
   Dual-channel HOTLink II Transceiver
CYV15G0201DXB-BBI CYPRESS-CYV15G0201DXB-BBI Datasheet
577Kb / 46P
   Dual-channel HOTLink II Transceiver
More results

Similar Description - CYV15G0201DXB-BBXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0201DXB CYPRESS-CYP15G0201DXB Datasheet
577Kb / 46P
   Dual-channel HOTLink II Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB Datasheet
445Kb / 39P
   Single-channel HOTLink II??Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB_12 Datasheet
519Kb / 43P
   Single-channel HOTLink II??Transceiver
CYP15G0101DXA CYPRESS-CYP15G0101DXA Datasheet
510Kb / 40P
   Single Channel HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
   Quad HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB_05 Datasheet
571Kb / 53P
   Quad HOTLink II??Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II??Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYP15G0101 CYPRESS-CYP15G0101 Datasheet
457Kb / 39P
   Single-channel HOTLink Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com