Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYU01M16ZCC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYU01M16ZCC
Description  16-Mbit (1M x 16) Pseudo Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYU01M16ZCC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYU01M16ZCC Datasheet HTML 5Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 6Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 7Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 8Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 9Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 10Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 11Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 12Page - Cypress Semiconductor CYU01M16ZCC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PRELIMINARY
CYU01M16ZCC
MoBL3™
Document #: 38-05602 Rev. *F
Page 9 of 14
Switching Waveforms
Read Cycle 1 (Address Transition Controlled)[20, 21]
Read Cycle 2 (OE Controlled)[19, 21]
Notes:
19. Whenever CE, BHE / BLE are taken inactive, they must remain inactive for a minimum of 15ns.
20. Device is continuously selected. OE, CE = VIL.
21. WE is HIGH for Read Cycle.
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
t
AA
t
OHA
50%
50%
DATA VALID
t
RC
t
ACE
t
DOE
t
LZOE
t
LZCE
HIGH IMPEDANCE
t
HZOE
HIGH
OE
CE
ICC
ISB
IMPEDANCE
ADDRESS
VCC
SUPPLY
CURRENT
t
HZBE
BHE
/BLE
t
LZBE
t
HZCE
DATA OUT
t
DBE
tCD


Similar Part No. - CYU01M16ZCC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYU01M16ZFC CYPRESS-CYU01M16ZFC Datasheet
508Kb / 14P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16ZFCU-70BVXI CYPRESS-CYU01M16ZFCU-70BVXI Datasheet
508Kb / 14P
   16-Mbit (1M x 16) Pseudo Static RAM
More results

Similar Description - CYU01M16ZCC

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L16161ZA ESMT-M24L16161ZA Datasheet
384Kb / 15P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYK001M16SCCA CYPRESS-CYK001M16SCCA Datasheet
178Kb / 10P
   16-Mbit (1M x 16) Pseudo Static RAM
CYK001M16ZCCA CYPRESS-CYK001M16ZCCA Datasheet
321Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFE CYPRESS-CYU01M16SFE Datasheet
508Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFCU CYPRESS-CYU01M16SFCU Datasheet
452Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SCE CYPRESS-CYU01M16SCE Datasheet
490Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L16161DA ESMT-M24L16161DA Datasheet
354Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
M24D16161ZA ESMT-M24D16161ZA Datasheet
268Kb / 15P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYU01M16ZFC CYPRESS-CYU01M16ZFC Datasheet
508Kb / 14P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SCCU CYPRESS-CYU01M16SCCU Datasheet
452Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com