Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYU01M16SCCU-70BVXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYU01M16SCCU-70BVXI
Description  16-Mbit (1M x 16) Pseudo Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYU01M16SCCU-70BVXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYU01M16SCCU-70BVXI Datasheet HTML 2Page - Cypress Semiconductor CYU01M16SCCU-70BVXI Datasheet HTML 3Page - Cypress Semiconductor CYU01M16SCCU-70BVXI Datasheet HTML 4Page - Cypress Semiconductor CYU01M16SCCU-70BVXI Datasheet HTML 5Page - Cypress Semiconductor CYU01M16SCCU-70BVXI Datasheet HTML 6Page - Cypress Semiconductor CYU01M16SCCU-70BVXI Datasheet HTML 7Page - Cypress Semiconductor CYU01M16SCCU-70BVXI Datasheet HTML 8Page - Cypress Semiconductor CYU01M16SCCU-70BVXI Datasheet HTML 9Page - Cypress Semiconductor CYU01M16SCCU-70BVXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PRELIMINARY
CYU01M16SCCU
MoBL3™
Document #: 38-05601 Rev. *B
Page 6 of 12
Write Cycle[15]
tWC
Write Cycle Time
70
40000
ns
tSCE
CE LOW to Write End
60
ns
tAW
Address Set-Up to Write End
60
ns
tCD
Chip Deselect Time CE1 = HIGH or
CE2 =LOW, BLE/BHE High Pulse Time
15
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Set-Up to Write Start
0
ns
tPWE
WE Pulse Width
50
ns
tBW
BLE/BHE LOW to Write End
60
ns
tSD
Data Set-Up to Write End
25
ns
tHD
Data Hold from Write End
0
ns
tHZWE
WE LOW to High-Z[10, 11, 12]
25
ns
tLZWE
WE HIGH to Low-Z[10, 11, 12]
10
ns
Note:
15. The internal Write time of the memory is defined by the overlap of WE,CE1 = VIL or CE2 = VIH, BHE and/or BLE = VIL. All signals must be ACTIVE to initiate a
write and any of these signals can terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal
that terminates the write
Switching Characteristics Over the Operating Range[9, 10, 11, 15,14] (continued)
Parameter
Description
70 ns
Unit
Min.
Max.


Similar Part No. - CYU01M16SCCU-70BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYU01M16SCE CYPRESS-CYU01M16SCE Datasheet
490Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SCEU-70BVXI CYPRESS-CYU01M16SCEU-70BVXI Datasheet
490Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SCG CYPRESS-CYU01M16SCG Datasheet
508Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SCG-70BVXI CYPRESS-CYU01M16SCG-70BVXI Datasheet
508Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
More results

Similar Description - CYU01M16SCCU-70BVXI

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M24L16161ZA ESMT-M24L16161ZA Datasheet
384Kb / 15P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYK001M16SCCA CYPRESS-CYK001M16SCCA Datasheet
178Kb / 10P
   16-Mbit (1M x 16) Pseudo Static RAM
CYK001M16ZCCA CYPRESS-CYK001M16ZCCA Datasheet
321Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFE CYPRESS-CYU01M16SFE Datasheet
508Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFCU CYPRESS-CYU01M16SFCU Datasheet
452Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SCE CYPRESS-CYU01M16SCE Datasheet
490Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L16161DA ESMT-M24L16161DA Datasheet
354Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
M24D16161ZA ESMT-M24D16161ZA Datasheet
268Kb / 15P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYU01M16ZCC CYPRESS-CYU01M16ZCC Datasheet
503Kb / 14P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16ZFC CYPRESS-CYU01M16ZFC Datasheet
508Kb / 14P
   16-Mbit (1M x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com