Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYP15G0201DXB-BBI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYP15G0201DXB-BBI
Description  Dual-channel HOTLink II??Transceiver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYP15G0201DXB-BBI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYP15G0201DXB-BBI Datasheet HTML 2Page - Cypress Semiconductor CYP15G0201DXB-BBI Datasheet HTML 3Page - Cypress Semiconductor CYP15G0201DXB-BBI Datasheet HTML 4Page - Cypress Semiconductor CYP15G0201DXB-BBI Datasheet HTML 5Page - Cypress Semiconductor CYP15G0201DXB-BBI Datasheet HTML 6Page - Cypress Semiconductor CYP15G0201DXB-BBI Datasheet HTML 7Page - Cypress Semiconductor CYP15G0201DXB-BBI Datasheet HTML 8Page - Cypress Semiconductor CYP15G0201DXB-BBI Datasheet HTML 9Page - Cypress Semiconductor CYP15G0201DXB-BBI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
CYW15G0201DXB
CYV15G0201DXB
CYP15G0201DXB
Document #: 38-02058 Rev. *H
Page 6 of 46
Pin Descriptions CYP(V)(W)15G0201DXB Dual HOTLink II Transceiver
Pin Name
I/O Characteristics
Signal Description
Transmit Path Data Signals
TXPERA
TXPERB
LVTTL Output,
changes relative to
REFCLK
[3]
Transmit Path Parity Error. Active HIGH. Asserted (HIGH) if parity checking is enabled
and a parity error is detected at the Encoder. This output is HIGH for one transmit character
clock period to indicate detection of a parity error in the character presented to the Encoder.
If a parity error is detected, the character in error is replaced with a C0.7 character to force
a corresponding bad-character detection at the remote end of the link. This replacement
takes place regardless of the encoded/non-encoded state of the interface.
When BIST is enabled for the specific transmit channel, BIST progress is presented on
these outputs. Once every 511 character times (plus a 16-character Word Sync Sequence
when the receive channels are clocked by a common clock, i.e., RXCKSEL = LOW or
HIGH), the associated TXPERx signal pulses HIGH for one transmit-character clock period
(if RXCKSEL = MID) or seventeen transmit- character clock periods (if RXCKSEL = LOW
or HIGH) to indicate a complete pass through the BIST sequence. For RXCKSEL = LOW
or HIGH, if TXMODE[1:0] = LL, then no Word Sync Sequence is sent in BIST, and TXPERx
pulses HIGH for one transmit-character clock period.
These outputs also provide indication of a transmit Phase-Align Buffer underflow or
overflow. When the transmit Phase-Align Buffers are enabled (TXCKSEL
≠ LOW, or
TXCKSEL = LOW and TXRATE = HIGH), if an underflow or overflow condition is detected,
TXPERx for the channel in error is asserted and remains asserted until either an atomic
Word Sync Sequence is transmitted or TXRST is sampled LOW to re-center the transmit
Phase-Align Buffers.
TXCTA[1:0]
TXCTB[1:0]
LVTTL Input,
synchronous,
sampled by the
selected TXCLKx
or REFCLK
[3]
Transmit Control. These inputs are captured on the rising edge of the transmit interface
clock as selected by TXCKSEL, and are passed to the Encoder or Transmit Shifter. They
identify how the associated TXDx[7:0] characters are interpreted. When the Encoder is
bypassed, these inputs are interpreted as data bits. When the Encoder is enabled, these
inputs determine if the TXDx[7:0] character is encoded as Data, a Special Character code,
or replaced with other Special Character codes. See Table 1 for details.
TXDA[7:0]
TXDB[7:0]
LVTTL Input,
synchronous,
sampled by the
selected TXCLKx
or REFCLK
[3]
Transmit Data Inputs. These inputs are captured on the rising edge of the transmit
interface clock (selected by TXCKSEL) and passed to the Encoder or Transmit Shifter.
When the Encoder is enabled (TXMODE[1:0]
≠ LL), TXDx[7:0] specify the specific data or
command character to be sent.
When the Encoder is bypassed, these inputs are interpreted as data bits of the 10-bit input
character. See Table 1 for details.
TXRST
LVTTL Input,
asynchronous,
internal pull-up,
REFCLK
[3]
Transmit Clock Phase Reset. Transmit Clock Phase Reset. Active LOW. When sampled
LOW, the transmit Phase-align Buffers are allowed to adjust their data-transfer timing
(relative to the selected input clock) to allow clean transfer of data from the Input Register
to the Encoder or Transmit Shifter. When TXRST is sampled HIGH, the internal phase
relationship between the associated TXCLKx and the internal character-rate clock is fixed
and the device operates normally.
When configured for half-rate REFCLK sampling of the transmit character stream
(TXCKSEL = LOW and TXRATE = HIGH), assertion of TXRST is only used to clear
Phase-align buffer faults caused by highly asymmetric REFCLK periods or REFCLKs with
excessive cycle-to-cycle jitter. During this alignment period, one or more characters may be
added to or lost from all the associated transmit paths as the transmit Phase-align Buffers
are adjusted. TXRST must be sampled LOW by a minimum of two consecutive rising edges
of REFCLK to ensure the reset operation is initiated correctly on all channels. This input is
ignored when both TXCKSEL and TXRATE are LOW, since the phase align buffer is
bypassed. In all other configurations, TXRST should be asserted during device initialization
to ensure proper operation of the Phase-align buffer. TXRST should be asserted after
presence of a valid TXCLKx and after allowing enough time for the TXPLL to lock to the
reference clock (as specified by parameter tTXLOCK).
Note:
3.
When REFCLK is configured for half-rate operation (TXRATE = HIGH), these inputs are sampled (or the outputs change) relative to both the rising and falling
edges of REFCLK.


Similar Part No. - CYP15G0201DXB-BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0201DXB-BBI CYPRESS-CYP15G0201DXB-BBI Datasheet
577Kb / 46P
   Dual-channel HOTLink II Transceiver
More results

Similar Description - CYP15G0201DXB-BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0201DXB CYPRESS-CYP15G0201DXB Datasheet
577Kb / 46P
   Dual-channel HOTLink II Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB Datasheet
445Kb / 39P
   Single-channel HOTLink II??Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB_12 Datasheet
519Kb / 43P
   Single-channel HOTLink II??Transceiver
CYP15G0101DXA CYPRESS-CYP15G0101DXA Datasheet
510Kb / 40P
   Single Channel HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
   Quad HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB_05 Datasheet
571Kb / 53P
   Quad HOTLink II??Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II??Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYP15G0101 CYPRESS-CYP15G0101 Datasheet
457Kb / 39P
   Single-channel HOTLink Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com