Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10256-100FGC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYNSE10256-100FGC
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10256-100FGC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYNSE10256-100FGC Datasheet HTML 6Page - Cypress Semiconductor CYNSE10256-100FGC Datasheet HTML 7Page - Cypress Semiconductor CYNSE10256-100FGC Datasheet HTML 8Page - Cypress Semiconductor CYNSE10256-100FGC Datasheet HTML 9Page - Cypress Semiconductor CYNSE10256-100FGC Datasheet HTML 10Page - Cypress Semiconductor CYNSE10256-100FGC Datasheet HTML 11Page - Cypress Semiconductor CYNSE10256-100FGC Datasheet HTML 12Page - Cypress Semiconductor CYNSE10256-100FGC Datasheet HTML 13Page - Cypress Semiconductor CYNSE10256-100FGC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 10 of 153
1.0
Features
• Up to 512K 36-bit entries in a single device for CYNSE10512
— 256K entries in 72-bit configuration
— 128K entries in 144-bit configuration
— 64K entries in 288-bit configuration
— 32K entries in 576-bit configuration
•Up to 256K 36-bit entries in a single device for CYNSE10256
— 128K entries in 72-bit configuration
— 64K entries in 144-bit configuration
— 32K entries in 288-bit configuration
— 16K entries in 576-bit configuration
•Up to 128K 36-bit entries in a single device for CYNSE10128
— 64K entries in 72-bit configuration
— 32K entries in 144-bit configuration
— 16K entries in 288-bit configuration
— 8K entries in 576-bit configuration
• Multiple width tables in a single device
• Single-cycle Search operation on 72-/144-bit tables
• Mini-Key
-programmable search key for fine grain table selection and power conservation
• Prioritized blocks with no overhead in table management using programmable Soft Priority
• Parity support for reliable operation
• Non-Enhanced Mode and Enhanced Mode operation
— Up to 133 million searches per second in 72-/144-bit configuration
— Up to 66.5 million searches per second in 36-/288-bit configuration
— Up to 33.25 million searches per second in 576-bit configuration (Enhanced Mode Only)
• Enhanced Mode with MultiSearch
 operation
— Up to 266 million searches per second in 72-/144-bit configuration
— Up to 133 million searches per second in 36-/288-bit configuration
— Up to 66.5 million searches per second in 576-bit configuration
• Cascadable for depth expansion
• Glueless interface to industry-standard SRAMs and SSRAMs
• Simple hardware instruction interface
• IEEE 1149.1 test access port
• 1.2V core voltage supply
• Supports 1.5V HSTL and 1.8V/2.5V LVCMOS I/O Standards
• 388-pin BGA package
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10256-100FGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
More results

Similar Description - CYNSE10256-100FGC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com