Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYD02S36V-167BBC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYD02S36V-167BBC
Description  FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD02S36V-167BBC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYD02S36V-167BBC Datasheet HTML 1Page - Cypress Semiconductor CYD02S36V-167BBC Datasheet HTML 2Page - Cypress Semiconductor CYD02S36V-167BBC Datasheet HTML 3Page - Cypress Semiconductor CYD02S36V-167BBC Datasheet HTML 4Page - Cypress Semiconductor CYD02S36V-167BBC Datasheet HTML 5Page - Cypress Semiconductor CYD02S36V-167BBC Datasheet HTML 6Page - Cypress Semiconductor CYD02S36V-167BBC Datasheet HTML 7Page - Cypress Semiconductor CYD02S36V-167BBC Datasheet HTML 8Page - Cypress Semiconductor CYD02S36V-167BBC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
CYD01S36V
CYD02S36V/CYD04S36V
CYD09S36V/CYD18S36V
Document Number: 38-06076 Rev. *F
Page 3 of 28
Pin Configurations
Figure 1. Pin Diagram - 256-Ball FBGA (Top View)
CYD01S36V/CYD02S36V/CYD04S36V/CYD09S36V/CYD18S36V
12
34
56
78
9
10
11
12
13
14
15
16
A
DQ32L
DQ30L
DQ28L
DQ26L
DQ24L
DQ22L
DQ20L
DQ18L
DQ18R
DQ20R
DQ22R
DQ24R
DQ26R
DQ28R
DQ30R
DQ32R
B
DQ33L
DQ31L
DQ29L
DQ27L
DQ25L
DQ23L
DQ21L
DQ19L
DQ19R
DQ21R
DQ23R
DQ25R
DQ27R
DQ29R
DQ31R
DQ33R
C
DQ34L
DQ35L
RETL [2,3]
INTL
NC
[2,5]
NC
[2,5]
REVL [2,4]
TRST [2,5]
MRST
NC
[2,5]
NC
[2,5]
NC
[2,5]
INTRRETR [2,3]
DQ35R
DQ34R
D
A0L
A1L
WRPL
[2,3]
VREFL
[2,4]
FTSELL
[2,3]
LOWSPDL
[2,4]
VSS
VTTL
VTTL
VSS
LOWSPDR
[2,4]
FTSELR
[2,3]
VREFL
[2,4]
WRPR [2,3]
A1R
A0R
E
A2L
A3L
CE0L [11]
CE1L [10]
VDDIOL
VDDIOL
VDDIOL
VCORE
VCORE
VDDIOR
VDDIOR
VDDIOR
CE1R [10]
CE0R [11]
A3R
A2R
F
A4L
A5L
CNTINTL
[12]
BE3L
VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR
BE3R
CNTINTR
[12]
A5R
A4R
G
A6L
A7L
BUSYL
[2,5]
BE2L
REVL
[2,3]
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR
BE2R
BUSYR
[2,5]
A7R
A6R
H
A8L
A9L
CL
VTTL
VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VCORE
VTTL
CR
A9R
A8R
J
A10L
A11L
VSS
PORTSTD1
L[2,4]
VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VCORE
PORTSTD1
R[2,4]
VSS
A11R
A10R
K
A12L
A13L
OELBE1L
VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR
BE1ROER
A13R
A12R
L
A14L
A15L
[6]
ADSL
[11]
BE0L
VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR
BE0R
ADSR
[11]
A15R
[6]
A14R
M
A16L
[7]
A17L
[8]
R/WL
REVL [2,4]
VDDIOL
VDDIOL
VDDIOL
VCORE
VCORE
VDDIOR
VDDIOR
VDDIOR
REVR [2,4]
R/WR
A17R
[8]
A16R
[7]
N
A18L
[9]
A19L
[2,5]
CNT/MSKL
[10]
VREFL
[2,4]
PortSTD0L
[2,4]
READYL
[2,5]
REVL
[2,3]
VTTL
VTTL
REVR
[2,3]
READYR
[2,5]
PortSTD0R
[2,4]
VREFR
[2,4]
CNT/MSKR
[10]
A19R [2,5]
A18R
[9]
P
DQ16L
DQ17L
CNTENL
[11]
CNTRSTL
[10]
NC
[2,5]
NC
[2,5]
TCK
TMS
TDO
TDI
NC
[2,5]
NC
[2,5]
CNTRSTR
[10]
CNTENR
[11]
DQ17R
DQ16R
R
DQ15L
DQ13L
DQ11L
DQ9L
DQ7L
DQ5L
DQ3L
DQ1L
DQ1R
DQ3R
DQ5R
DQ7R
DQ9R
DQ11R
DQ13R
DQ15R
T
DQ14L
DQ12L
DQ10L
DQ8L
DQ6L
DQ4L
DQ2L
DQ0L
DQ0R
DQ2R
DQ4R
DQ6R
DQ8R
DQ10R
DQ12R
DQ14R
Notes
2. This ball represents a next generation Dual-Port feature. For more information about this feature, contact Cypress Sales.
3. Connect this ball to VDDIO. For more information about this next generation Dual-Port feature contact Cypress Sales.
4. Connect this ball to VSS. For more information about this next generation Dual-Port feature, contact Cypress Sales.
5. Leave this ball unconnected. For more information about this feature, contact Cypress Sales.
6. Leave this ball unconnected for 32K x 36configuration.
7. Leave this ball unconnected for a 64K x 36, 32K x 36 configurations.
8. Leave this ball unconnected for a 128K x 36, 64K x 36 and 32K x 36 configurations.
9. Leave this ball unconnected for a 256K x 36, 128K x 36, 64K x 36, and 32K x 36 configurations.
10. These balls are not applicable for CYD18S36V device. They need to be tied to VDDIO.
11. These balls are not applicable for CYD18S36V device. They need to be tied to VSS.
12. These balls are not applicable for CYD18S36V device. They need to be no connected.
[+] Feedback


Similar Part No. - CYD02S36V-167BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD02S36V-167BBC CYPRESS-CYD02S36V-167BBC Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
More results

Similar Description - CYD02S36V-167BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V_13 Datasheet
769Kb / 29P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V_11 Datasheet
801Kb / 28P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com