Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 41 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 41 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 37Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 38Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 39Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 40Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 41Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 42Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 43Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 44Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 45Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 41 of 153
Table 5-21 shows the BPRA fields for BPR’s Priority1.
Table 5-22 shows the BPRA fields for BPR’s Priority2.
Table 5-23 shows the BPRA fields for BPR’s Priority3.
5.5
Multi-Hit Description
For a Search operation, Multi-Hit is set when there are multiple matching entries in the array (Non-Enhanced) or in the selected
blocks (Enhanced). For a Learn operation, Multi-Hit is set when there are multiple free entries in the array (Non-Enhanced) or in
the selected blocks (Enhanced). Multi-Hit maintains its value until another operation changes it.
In the Non-Enhanced mode, the Multi-Hit signal is valid four cycles after the command is issued, regardless of the setting of TLSZ
and HLAT. In the Enhanced mode, the Multi-Hit signal is valid at the same time as SSV.
Table 5-20. Block Priority Register Alias for Priority #0 Fields
Field
Range
(decimal)
Initial Value
(binary)
Description
[23:0]
Reserved.
PRIORITY0
[31:24]
0
Priority #0.
[62:32]
Reserved.
V0
[63]
0
V #0.
[71:64]
Reserved.
Table 5-21. Block Priority Register Alias for Priority #1 Fields
Field
Range
(decimal)
Initial Value
(binary)
Description
[15:0]
Reserved.
PRIORITY1
[23:16]
0
Priority #1.
[61:24]
Reserved.
V1
[62]
0
V #1.
[71:63]
Reserved.
Table 5-22. Block Priority Register Alias for Priority #2 Fields
Field
Range
(decimal)
Initial Value
(binary)
Description
[7:0]
Reserved.
PRIORITY2
[15:8]
0
Priority #2.
[60:16]
Reserved.
V2
[61]
0
V #2.
[71:62]
Reserved.
Table 5-23. Block Priority Register Alias for Priority #3 Fields
Field
Range
(decimal)
Initial Value
(binary)
Description
PRIORITY3
[7:0]
0
Priority #3.
[59:8]
Reserved.
V3
[60]
0
V #3.
[71:61]
Reserved.
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com