Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8956 Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM8956
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956 Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM8956 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
Preliminary Technical Data
WM8956
w
PTD, July 2007, Rev 2.1
69
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
6:4
LI2LOVOL[2:0]
101
LINPUT3 to Left Output Mixer Volume
000 = 0dB
...(3dB steps)
111 = -21dB
Output Signal
Path
3:0
0000
Reserved
R35 (23h)
8:0
001010000
Reserved
R36 (24h)
8:0
001010000
Reserved
8
RD2RO
0
Right DAC to Right Output Mixer
0 = Disable (Mute)
1 = Enable Path
Output Signal
Path
7
RI2RO
0
RINPUT3 to Right Output Mixer
0 = Disable (Mute)
1 = Enable Path
Output Signal
Path
6:4
RI2ROVOL[2:0]
101
RINPUT3 to Right Output Mixer Volume
000 = 0dB
...(3dB steps)
111 = -21dB
Output Signal
Path
R37 (25h)
Right Out
Mix
3:0
0000
Reserved
8
0
Reserved
7
L2MO
0
Left Output Mixer to Mono Output Mixer Control
0 = Left channel mix disabled
1 = Left channel mix enabled
Output Signal
Path
R38 (26h)
Mono Out
Mix (1)
6:0
0000000
Reserved
8
0
Reserved
7
R2MO
0
Right Output Mixer to Mono Output Mixer
Control
0 = Right channel mix disabled
1 = Right channel mix enabled
Output Signal
Path
R39 (27h)
Mono Out
Mix (2)
6:0
0000000
Reserved
8
SPKVU
N/A
Speaker Volume Update
Writing a 1 to this bit will cause left and right
speaker volumes to be updated (SPKLVOL and
SPKRVOL)
Analogue
Outputs
7
SPKLZC
0
Left Speaker Zero Cross Enable
1 = Change gain on zero cross only
0 = Change gain immediately
Analogue
Outputs
R40 (28h)
Left
Speaker
Volume
6:0
SPKLVOL[6:0]
0000000
SPK_LP/SPK_LN Volume
1111111 = +6dB
… 1dB steps down to
0110000 = -73dB
0101111 to 0000000 = Analogue MUTE
Analogue
Outputs
8
SPKVU
N/A
Speaker Volume Update
Writing a 1 to this bit will cause left and right
speaker volumes to be updated (SPKLVOL and
SPKRVOL)
Analogue
Outputs
7
SPKRZC
0
Right Speaker Zero Cross Enable
1 = Change gain on zero cross only
0 = Change gain immediately
Analogue
Outputs
R41 (29h)
Right
Speaker
Volume
6:0
SPKRVOL[6:0]
0000000
SPK_RP/SPK_RN Volume
1111111 = +6dB
… 1dB steps down to
0110000 = -73dB
0101111 to 0000000 = Analogue MUTE
Analogue
Outputs
R42 (2Ah)
8:7
00
Reserved


Similar Part No. - WM8956

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
logo
Cirrus Logic
WM8956 CIRRUS-WM8956 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers
logo
Wolfson Microelectronic...
WM8956CGEFL/RV WOLFSON-WM8956CGEFL/RV Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956CGEFL/V WOLFSON-WM8956CGEFL/V Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
More results

Similar Description - WM8956

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
logo
Cirrus Logic
WM8956 CIRRUS-WM8956 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers
logo
Wolfson Microelectronic...
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8961 WOLFSON-WM8961 Datasheet
1Mb / 116P
   Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962B WOLFSON-WM8962B Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
logo
Rohm
BH7884EFV ROHM-BH7884EFV_10 Datasheet
364Kb / 11P
   1W1W Stereo Speaker / Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com